Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1912773 Datasheet (PDF) - PHOENIX CONTACT

1912773 Datasheet PDF - PHOENIX CONTACT
Part # 1912773
Download  1912773 Download
File Size   305.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/ 6-ST - PCB connector

1912773 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912773 Datasheet PDF - PHOENIX CONTACT

Part # 1912773
Download  1912773 Click to download

File Size   305.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBW 2,5 HC/ 6-ST - PCB connector

1912773 Datasheet (HTML) - PHOENIX CONTACT


1912773 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, contact connection type:
Socket, number of potentials: 6, number of rows: 1, number of positions: 6, number of
connections: 6, product range: MVSTBW 2,5 HC/..-ST, pitch: 5 mm, connection method: Screw
connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:
-90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1912773

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
191270 FESTO-191270 Datasheet
90Kb / 1P
Adapter kit
logo
Molex Electronics Ltd.
191270007 MOLEX-191270007 Datasheet
151Kb / 17P
PremiumGrade Hand Crimp Tool for Avikrimp and Insulkrimp Terminals and Splices, 22-10 AWG and 6.0-0.5mm² (Rings, Spades, Hooks, Block Spades and Flanged Spades)
Jun 13, 2025
191270007 MOLEX-191270007 Datasheet
146Kb / 17P
ServiceGrade Hand Crimp Tool for Field Repair only, for production use our PremiumGrade Tool
Jun 13, 2025
191270009 MOLEX4-191270009 Datasheet
134Kb / 3P
Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 6, MylarTape Carrier
191270010 MOLEX-191270010 Datasheet
151Kb / 17P
PremiumGrade Hand Crimp Tool for Avikrimp and Insulkrimp Terminals and Splices, 22-10 AWG and 6.0-0.5mm² (Rings, Spades, Hooks, Block Spades and Flanged Spades)
Jun 13, 2025
More results


Similar Description - 1912773

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912731 PHOENIX-1912731 Datasheet
311Kb / 11P
PCB connector - MVSTBW 2,5 HC/ 2-ST
1912841 PHOENIX-1912841 Datasheet
394Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 2-ST-5,08
1912922 PHOENIX-1912922 Datasheet
393Kb / 12P
PCB connector - MVSTBW 2,5 HC/10-ST-5,08
1912760 PHOENIX-1912760 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 5-ST - PCB connector
1912867 PHOENIX-1912867 Datasheet
383Kb / 12P
MVSTBW 2,5 HC/ 4-ST-5,08 - PCB connector
1912786 PHOENIX-1912786 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 7-ST - PCB connector
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912744 PHOENIX-1912744 Datasheet
302Kb / 11P
MVSTBW 2,5 HC/ 3-ST - PCB connector
1912883 PHOENIX-1912883 Datasheet
371Kb / 12P
MVSTBW 2,5 HC/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com