Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7304 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7304 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7304
Download  IRF7304 Download
File Size   427.86 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7304 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7304 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7304
Download  IRF7304 Click to download

File Size   427.86 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7304 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7304 Product details

Generation V Technology
Ultra Low On-Resistance
Surface Mount
Available in Tape & Reel
Dynamic dv/dt Rating
Fast Switching
Lead-Free
Features
 VDS (V) = -20V
 RDS(ON) 140 m (VGS =-2.7V)
 RDS(ON) 90m (VGS =-4.5V)


The SOP-8 has been modified through a customized leadframe for enhanced thermacharacierstics and multip e-dle
capabllity making it deal in a varety o powerapplications. With these improvements, multiple devices can be used in
an application with dramatically reduced board space. The package is designed for vapor phaseinfra red, or wave
soldering technigues. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.




Similar Part No. - IRF7304

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7304 IRF-IRF7304 Datasheet
243Kb / 6P
Generation V Technology
logo
EVER SEMICONDUCTOR CO.,...
IRF7304 EVVOSEMI-IRF7304 Datasheet
394Kb / 8P
Dual P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7304PBF IRF-IRF7304PBF Datasheet
231Kb / 9P
HEXFET Power MOSFET
IRF7304PBF IRF-IRF7304PBF Datasheet
242Kb / 9P
Generation V Technology
IRF7304PBF IRF-IRF7304PBF Datasheet
237Kb / 9P
GENERATION V TECHNOLOGY
More results


Similar Description - IRF7304

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com