Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7324 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7324 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7324
Download  IRF7324 Download
File Size   365.27 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7324 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7324
Download  IRF7324 Click to download

File Size   365.27 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7324 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7324 Product details

● Trench Technology
● Ultra Low On-Resistance
● Low Profile (<1.1mm)
● Available in Tape & Reel
● 2.5V Rated
● Lead-Free
 VDS (V)=-20V
 RDS(ON) 18 m (VGS =-4.5V)
Features
 RDS(ON) 26 m (VGS =-2.5V)




Similar Part No. - IRF7324

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7324 IRF-IRF7324 Datasheet
104Kb / 8P
HEXFET짰 Power MOSFET
IRF7324D1 IRF-IRF7324D1 Datasheet
164Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7324D1PBF IRF-IRF7324D1PBF Datasheet
134Kb / 8P
FETKY?줞OSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
FETKY MOSFET / Schottky Diode
IRF7324PBF IRF-IRF7324PBF Datasheet
164Kb / 8P
HEXFET Power MOSFET(-20V, 0.018ohm)
More results


Similar Description - IRF7324

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com