Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7341 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7341 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7341
Download  IRF7341 Download
File Size   379.66 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Generation V Technology

IRF7341 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7341 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7341
Download  IRF7341 Click to download

File Size   379.66 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Generation V Technology

IRF7341 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7341 Product details

The SOP-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in a
typical PCB mount application.
Description
 Generation V Technology
 Ultra Low On-Resistance
 Dual N-Channel Mosfet
 Surface Mount
 Dynamic dv/dt Rating
 Fast Switching
 Lead-Free

ID= 4.7A (VGS=10V)

Features
VDS (V) = 55V
RDS(ON) 30m (VGS = 10V)
 RDS(ON) 45m (VGS = 4.5V)






Similar Part No. - IRF7341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7341 IRF-IRF7341 Datasheet
134Kb / 7P
HEXFET Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7341 EVVOSEMI-IRF7341 Datasheet
340Kb / 7P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7341GPBF IRF-IRF7341GPBF Datasheet
205Kb / 9P
HEXFET짰 Power MOSFET
IRF7341GTRPbF IRF-IRF7341GTRPbF Datasheet
205Kb / 9P
HEXFET짰 Power MOSFET
IRF7341IPBF IRF-IRF7341IPBF Datasheet
138Kb / 7P
HEXFET Power MOSFET
More results


Similar Description - IRF7341

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
generation v technology
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
Generation V Technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
generation v technology
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
IRF7307PBF IRF-IRF7307PBF_15 Datasheet
287Kb / 10P
GENERATION V TECHNOLOGY
IRF7316PBF IRF-IRF7316PBF_15 Datasheet
209Kb / 7P
GENERATION V TECHNOLOGY
IRF7317PBF IRF-IRF7317PBF_15 Datasheet
241Kb / 10P
GENERATION V TECHNOLOGY
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
GENERATION V TECHNOLOGY
IRF7606PBF IRF-IRF7606PBF_15 Datasheet
189Kb / 7P
Generation V Technology
IRLMS1902PBF IRF-IRLMS1902PBF_15 Datasheet
197Kb / 8P
GENERATION V TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com