Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7342 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7342 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7342
Download  IRF7342 Download
File Size   347.05 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7342 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7342 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7342
Download  IRF7342 Click to download

File Size   347.05 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual P-Channel MOSFET

IRF7342 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7342 Product details

 Generation V Technology
 Ultra Low On-Resistance
 Surface Mount
 Dynamic dv/dt Rating
 Fast Switching
 Lead-Free
 VDS (V)=-55V
 RDS(ON) 105m (VGS =-10V)
Features
 RDS(ON) 170m (VGS =-4.5V)

The SOP-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety
of power applications. With these improvements,
multiple devices can be used in an application
with dramatically reduced board space. The package
is designed for vapor phase, infra red, or wave
soldering techniques. Power dissipation of greater
than 0.8W is possible in a typical PCB mount application.
Description




Similar Part No. - IRF7342

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7342 IRF-IRF7342 Datasheet
136Kb / 7P
Power MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7342 EVVOSEMI-IRF7342 Datasheet
334Kb / 7P
Dual P-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7342D2 IRF-IRF7342D2 Datasheet
144Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
FETKY MOSFET & Schottky Diode
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
203Kb / 11P
Ideal For Buck Regulator Applications
More results


Similar Description - IRF7342

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14813AA-N ELM-TECH-ELM14813AA-N Datasheet
96Kb / 4P
Dual P-channel MOSFET
ELM18807BA-S ELM-TECH-ELM18807BA-S Datasheet
393Kb / 4P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO6801A-HF KEXIN-AO6801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
logo
ELM Electronics
ELM34803AA-N ELM-ELM34803AA-N Datasheet
1Mb / 4P
Dual P-channel MOSFET
ELM57801GA-S ELM-ELM57801GA-S Datasheet
1Mb / 5P
Dual P-channel MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4807 KEXIN-AO4807 Datasheet
2Mb / 5P
Dual P-Channel MOSFET
AO4817-HF KEXIN-AO4817-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
AO4821 KEXIN-AO4821 Datasheet
1Mb / 4P
Dual P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com