Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP603A Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP603A Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP603A
Download  CMCP603A Download
File Size   384.08 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector

CMCP603A Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP603A Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP603A
Download  CMCP603A Click to download

File Size   384.08 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Armored Sensor Extension Cable, 3 Socket MIL 5015 Connector

CMCP603A Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP603A Product details

Features
•3 Socket MS 5015, Locking Collar (IP68)•304 Stainless Steel Armored Cable•Yellow FEP Jacketed Cable•Flame Retardant Cabling•Maximum Cable Temperature of 400 °F (204 °C)•Ryton and Stainless Steel Connector•Rugged Design for Permanent Monitoring•Isolated or Non-Isolated Shielding Available•Braided Shield with Separate Drain Wire•UV, Oil and Harsh Chemical Resistant•CE Approved

Typical Applications
Permanent Monitoring Cord Set for harsh Environments. Compatible with all 3 Pin MS 5015 Sensors, like Dual Output Accelerometers and Dual Parameter loop powered transmitters.
FEP Jacketed Cables provide the best Protection against harsh Chemicals.
Refer to the CMCP Chemical Compatibility Chart for more Information.




Similar Part No. - CMCP603A

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP603C STI-CMCP603C Datasheet
404Kb / 2P
CMCP603C Series M8 Eurostyle Cable Assemblies for 3 Pin Sensors
06/18/2021
CMCP603H STI-CMCP603H Datasheet
472Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP603HST STI-CMCP603HST Datasheet
475Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP603L STI-CMCP603L Datasheet
501Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
July 2023
CMCP603LST STI-CMCP603LST Datasheet
485Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
More results


Similar Description - CMCP603A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
Amphenol MIL-DTL-5015 and MIL-5015
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
MIL-DTL-5015, Matrix
logo
STI Vibration Monitorin...
CMCP602A STI-CMCP602A Datasheet
415Kb / 2P
CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
9/9/2022
CMCP632H STI-CMCP632H Datasheet
623Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
CMCP633H STI-CMCP633H Datasheet
653Kb / 2P
Compact Molded 3 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
CMCP633L STI-CMCP633L Datasheet
649Kb / 2P
Compact Molded 3 Socket MS 5015 Extension Cable General Purpose Halogen Free TPE Jacketed Cable
06/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com