Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP605 Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP605 Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP605
Download  CMCP605 Download
File Size   518.39 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors

CMCP605 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP605 Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP605
Download  CMCP605 Click to download

File Size   518.39 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description M12 Eurostyle Cable Assemblies for 4 or 5 Pin Sensors

CMCP605 Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP605 Product details

Features:
 M12 with Molded Strain Relief
 IP68 Locking Collar Connector
 Straight or Side Exit Versions Available
 5 Pin M12 Connector Mates with 4 and 5 Pin Sensors
 Twisted/Shielded Cable with Drain Wire
 General Purpose PUR Jacketed Cable
 Low Cost




Similar Part No. - CMCP605

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP600C-K STI-CMCP600C-K Datasheet
390Kb / 1P
CMCP600C-K Connector Installation Kit
CMCP602A STI-CMCP602A Datasheet
415Kb / 2P
CMCP602A Series Armored Sensor Extension Cable, 2 Socket MIL 5015 Connector
9/9/2022
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602HST STI-CMCP602HST Datasheet
470Kb / 2P
High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
More results


Similar Description - CMCP605

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
225122 ERNI-225122 Datasheet
37Kb / 1P
CCCS M12, 5 pin / M12 5 pin
394891 ERNI-394891 Datasheet
46Kb / 1P
CCA M12, 5 pin/2 x M12, 5 pin
394893 ERNI-394893 Datasheet
60Kb / 1P
CCA M12, 5 pin/2 x M12, 5 pin
logo
List of Unclassifed Man...
V1-W-2M-PVC ETC2-V1-W-2M-PVC Datasheet
63Kb / 1P
Cable socket, M12, 4-pin, PVC cable
logo
Schneider Electric
XZCR1512064D1 SCHNEIDER-XZCR1512064D1 Datasheet
115Kb / 4P
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 1m
Dec 7, 2020
XZCR1512064D2 SCHNEIDER-XZCR1512064D2 Datasheet
115Kb / 4P
jumper cable XZ - male straight M12 5-pin - female elbowed M12 5-pin - PUR 2m
Dec 7, 2020
logo
TE Connectivity Ltd
3-1773983-2 TEC-3-1773983-2 Datasheet
2Mb / 28P
M8/M12 CABLE ASSEMBLIES
logo
Bel Fuse Inc.
BM-MARM003F BEL-BM-MARM003F Datasheet
393Kb / 2P
M12 X-Code Cable Assemblies
logo
STI Vibration Monitorin...
CMCP603C STI-CMCP603C Datasheet
404Kb / 2P
CMCP603C Series M8 Eurostyle Cable Assemblies for 3 Pin Sensors
06/18/2021
CMCP608 STI-CMCP608 Datasheet
317Kb / 2P
M12 Eurofast Cable Assemblies for 8 Pin Sensors
11/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com