Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP780A Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP780A Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP780A
Download  CMCP780A Download
File Size   503.35 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Compact Side Entry Accelerometer

CMCP780A Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP780A Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP780A
Download  CMCP780A Click to download

File Size   503.35 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Compact Side Entry Accelerometer

CMCP780A Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP780A Product details

Features
• Compact Side Exit Accelerometer
• 100 mV/g ±10%
• 150°C Max Temperature Range
• ±80 g Dynamic Range
• ¼”-28 UNF or M8x1.25 Captive Mounting Bolt
• Sealed to IP68
• Choice of 2 Pin MS 5015 Connector or Integral Cable (over braided or submersible)
• Shown left: 2 Pin MS 5015 Connector




Similar Part No. - CMCP780A

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP782A STI-CMCP782A Datasheet
496Kb / 2P
Economical Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP783A STI-CMCP783A Datasheet
489Kb / 2P
Economical Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785A-I STI-CMCP785A-I Datasheet
508Kb / 2P
General Purpose Side Entry Accelerometer, Armored Cable
January 2023
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP785A-LF STI-CMCP785A-LF Datasheet
523Kb / 2P
Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
January 2023
More results


Similar Description - CMCP780A

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP770A STI-CMCP770A Datasheet
482Kb / 2P
Compact Top Entry Accelerometer
January 2023
CMCP783A STI-CMCP783A Datasheet
489Kb / 2P
Economical Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785A-I STI-CMCP785A-I Datasheet
508Kb / 2P
General Purpose Side Entry Accelerometer, Armored Cable
January 2023
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP785A-LF-I STI-CMCP785A-LF-I Datasheet
511Kb / 2P
Low Frequency Side Entry Accelerometer, Armored Cable
January 2023
CMCP785A-LF-IP STI-CMCP785A-LF-IP Datasheet
542Kb / 2P
Low Frequency Side Entry Accelerometer, Submersible
January 2023
CMCP785T-IP STI-CMCP785T-IP Datasheet
544Kb / 2P
Dual Output Side Entry Accelerometer with Temperature Submersible
January 2023
CMCP787A-I STI-CMCP787A-I Datasheet
533Kb / 2P
Premium Side Entry Accelerometer, Armored Cable
Jul 2023
CMCP787A-IP STI-CMCP787A-IP Datasheet
567Kb / 2P
Premium Side Entry Accelerometer, Submersible
July 2023
CMCP787A STI-CMCP787A Datasheet
572Kb / 2P
Premium Side Entry Accelerometer, 2 Pin MS 5015
July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com