Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGHV100S Datasheet (PDF) - RFE international

MGHV100S Datasheet PDF - RFE international
Part # MGHV100S
Download  MGHV100S Download
File Size   603.31 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL GLAZED FILM RESISTOR

MGHV100S Datasheet (PDF)

Go To PDF Page Download Datasheet
MGHV100S Datasheet PDF - RFE international

Part # MGHV100S
Download  MGHV100S Click to download

File Size   603.31 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description METAL GLAZED FILM RESISTOR

MGHV100S Datasheet (HTML) - RFE international


MGHV100S Product details

FEATURES
High working voltage
Resistance to high Temperature / humidity
High pulse loading capability
Resistance range up to 10G ohms
Dielectric withstanding voltage up to 1,200V
Epoxy coating meets UL-94V-0
Operating Temperature: -55°C ~ +175°C
Higher temperature with Silicone Resin coating also available, See MGSV Series.




Similar Part No. - MGHV100S

ManufacturerPart #DatasheetDescription
logo
RFE international
MGHV100S RFE-MGHV100S Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results


Similar Description - MGHV100S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5043ED4K640F PHILIPS-5043ED4K640F Datasheet
335Kb / 7P
Standard Metal Film resistor
logo
MERITEK ELECTRONICS COR...
MFM MERITEK-MFM Datasheet
428Kb / 2P
Metal Film MELF Resistor
MGR MERITEK-MGR Datasheet
226Kb / 2P
Metal Glazed Resistor
logo
HOKURIKU ELECTRIC INDUS...
E011203 HOKURIKU-E011203 Datasheet
107Kb / 3P
Miniature Glazed Metal Film Fixed Resistors
logo
YAGEO Corporation
HHV-25JT-52-1M YAGEO-HHV-25JT-52-1M Datasheet
274Kb / 2P
Metal Glazed Film Resistors
logo
List of Unclassifed Man...
MGR25 ETC-MGR25 Datasheet
476Kb / 1P
METAL GLAZED RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
SF25Q WALSIN-SF25Q Datasheet
2Mb / 10P
SMD metal film resistor
logo
Stackpole Electronics, ...
MLF SEI-MLF Datasheet
698Kb / 11P
Metal Film Melf Resistor
8/10/2022
logo
RFE international
MGHV25 RFE-MGHV25 Datasheet
603Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
MGSV RFE-MGSV Datasheet
596Kb / 3P
METAL GLAZED FILM RESISTOR
2020.08.14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com