Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21007 Datasheet (PDF) - Intersil Corporation

ISL21007 Datasheet PDF - Intersil Corporation
Part # ISL21007
Download  ISL21007 Download
File Size   352.77 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision, Low Noise FGA??Voltage References

ISL21007 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21007 Datasheet PDF - Intersil Corporation

Part # ISL21007
Download  ISL21007 Click to download

File Size   352.77 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision, Low Noise FGA??Voltage References

ISL21007 Datasheet (HTML) - Intersil Corporation


ISL21007 Product details

Precision, Low Noise FGA™ Voltage References

The ISL21007 FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. The ISL21007 features very low noise (4.5µVP-P for 0.1Hz to 10Hz) and very low operating current (150µA, Max). In addition, the ISL21007 family features guaranteed initial accuracy as low as ±0.5mV.

Features
• Reference Output Voltage . . . .1.250V, 2.048V, 2.500V, 3.000V
• Initial Accuracy . . . . . . . . . . . . . . . . . . . . . . . ±0.5mV (B grade)
• Input Voltage Range
    ISL21007-12, 20, 25. . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
    ISL21007-30. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.2V to 5.5V
• Low Output Voltage Noise. . . . . . . . 4.5µVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 150µA (Max)
• Temperature Coefficient . . . . . . . . . . . . . . 3ppm/°C (B grade)
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free (RoHS Compliant)

Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment




Similar Part No. - ISL21007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
ISL21007 INTERSIL-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
ISL21007BFB812Z INTERSIL-ISL21007BFB812Z Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
More results


Similar Description - ISL21007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
Precision, Low Noise FGA??Voltage References
February 14, 2007
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 12, 2007
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
Precision, Low Noise FGA?줧oltage References
December 13, 2007
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
High Voltage Input Precision, Low Noise FGA??Voltage References
December 15, 2008
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
Precision, Low Noise FGA Voltage References
September 30, 2009
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
Precision, Low Noise FGA Voltage References
May 4, 2009
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
High Voltage Input Precision, Low Noise FGA??Voltage References
September 16, 2009
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
Precision, Low Noise FGA??Voltage References
July 14, 2011
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
Precision, Low Noise FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
Precision 0.600V Low Voltage FGA??References
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com