Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6T600AXB Datasheet (PDF) - Marathon Special Products

6T600AXB Datasheet PDF - Marathon Special Products
Part # 6T600AXB
Download  6T600AXB Download
File Size   418.16 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Insulator base temperature rating: -40°C to 125°C (UL RTI)

6T600AXB Datasheet (PDF)

Go To PDF Page Download Datasheet
6T600AXB Datasheet PDF - Marathon Special Products

Part # 6T600AXB
Download  6T600AXB Click to download

File Size   418.16 Kbytes
Page   3 Pages
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products
Description Insulator base temperature rating: -40°C to 125°C (UL RTI)

6T600AXB Datasheet (HTML) - Marathon Special Products




Similar Part No. - 6T600AXB

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
6T6AW GAPTEC-6T6AW Datasheet
3Mb / 5P
6W Single Output - Wide Input - Isolated & Regulated
6T6AW_1.5RP GAPTEC-6T6AW_1.5RP Datasheet
3Mb / 5P
6W Single Output - Wide Input - Isolated & Regulated
6T6AW_1205S1.5RP GAPTEC-6T6AW_1205S1.5RP Datasheet
3Mb / 5P
6W Single Output - Wide Input - Isolated & Regulated
6T6AW_1212S1.5RP GAPTEC-6T6AW_1212S1.5RP Datasheet
3Mb / 5P
6W Single Output - Wide Input - Isolated & Regulated
6T6AW_1215S1.5RP GAPTEC-6T6AW_1215S1.5RP Datasheet
3Mb / 5P
6W Single Output - Wide Input - Isolated & Regulated
More results


Similar Description - 6T600AXB

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HC500 PULSE-HC500 Datasheet
1Mb / 4P
RoHS peak reflow temperature rating 245 C
logo
List of Unclassifed Man...
5GSH93522 ETC1-5GSH93522 Datasheet
15Mb / 26P
high temperature -40/160쨘 C
logo
Kemet Corporation
A768EB127M1DLAE034 KEMET-A768EB127M1DLAE034 Datasheet
961Kb / 18P
A768 125°C
9/26/2022
logo
Marathon Special Produc...
6R30AXB MARATHON-6R30AXB Datasheet
178Kb / 3P
Insulator base temperature rating: -40°C/F to 150°C (302°F) UL RTI
REV-D 05/14/2019
6R30AXSP MARATHON-6R30AXSP Datasheet
145Kb / 3P
Flammability rating of insulator base: UL 94 V-0
REV-D 05/14/2019
6T400AXB MARATHON-6T400AXB Datasheet
340Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
09/07/2022
HVPB112 MARATHON-HVPB112 Datasheet
140Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
HVPB114 MARATHON-HVPB114 Datasheet
152Kb / 3P
Temperature rating: -40°C to 110°C (UL RTI)
REV-D 04/20/20
M6J200AX101 MARATHON-M6J200AX101 Datasheet
171Kb / 3P
Insulator base maximum temperture rating: 125°C (UL RTI)
6/3/2021
MFH6 MARATHON-MFH6 Datasheet
176Kb / 3P
Insulator base temperature rating: -40°C to 125°C (UL RTI)
REV-C 05/22/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com