Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEVH1.0M350 Datasheet (PDF) - NTE Electronics

NEVH1.0M350 Datasheet PDF - NTE Electronics
Part # NEVH1.0M350
Download  NEVH1.0M350 Download
File Size   23.43 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description ALUMINUM ELECTROLYTIC 160V to 450V

NEVH1.0M350 Datasheet (PDF)

Go To PDF Page Download Datasheet
NEVH1.0M350 Datasheet PDF - NTE Electronics

Part # NEVH1.0M350
Download  NEVH1.0M350 Click to download

File Size   23.43 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description ALUMINUM ELECTROLYTIC 160V to 450V

NEVH1.0M350 Datasheet (HTML) - NTE Electronics




Similar Part No. - NEVH1.0M350

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NEV0.15M10 NTE-NEV0.15M10 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M100 NTE-NEV0.15M100 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M16 NTE-NEV0.15M16 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M25 NTE-NEV0.15M25 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
NEV0.15M35 NTE-NEV0.15M35 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
More results


Similar Description - NEVH1.0M350

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
160V/140mA Switching Applications
logo
NTE Electronics
NEV47M50 NTE-NEV47M50 Datasheet
30Kb / 3P
ALUMINUM ELECTROLYTIC 6.3V to 100V
logo
Sanyo Semicon Device
SBT100-16JS SANYO-SBT100-16JS Datasheet
74Kb / 3P
160V, 10A Rectifier
logo
Maxwell Technologies
BMOD0006 MAXWELL-BMOD0006 Datasheet
982Kb / 4P
160V DC working voltage
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
Power Transistor (160V , 1.5A)
logo
Maxwell Technologies
BMOD0006_1312 MAXWELL-BMOD0006_1312 Datasheet
1Mb / 4P
160V MODULE
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
8V to 450V input range
logo
Microchip Technology
LR645 MICROCHIP-LR645 Datasheet
439Kb / 16P
Accepts inputs from 15 to 450V
01/27/15
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
Aluminum Electrolytic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com