Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTBP55VK Datasheet (PDF) - CamdenBoss Ltd.

CTBP55VK Datasheet PDF - CamdenBoss Ltd.
Part # CTBP55VK
Download  CTBP55VK Download
File Size   418.69 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 7.5mm pitch commercial low profile screw terminal blocks

CTBP55VK Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP55VK Datasheet PDF - CamdenBoss Ltd.

Part # CTBP55VK
Download  CTBP55VK Click to download

File Size   418.69 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 7.5mm pitch commercial low profile screw terminal blocks

CTBP55VK Datasheet (HTML) - CamdenBoss Ltd.


CTBP55VK Product details

Product ove r v i ew
• 2 and 3 pole interlocking
• Wire protector terminals
• Low profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.6-1.6mm2 (22-
14AWG)
• Guided pin alignment
• Anti solder wicking terminal




Similar Part No. - CTBP55VK

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5000/10 CAMDENBOSS-CTBP5000/10 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5000/11 CAMDENBOSS-CTBP5000/11 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5000/12 CAMDENBOSS-CTBP5000/12 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5000/2 CAMDENBOSS-CTBP5000/2 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
More results


Similar Description - CTBP55VK

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB24-2 DUBILIER-DBCTB24-2 Datasheet
125Kb / 1P
TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
DBCTB49-2 DUBILIER-DBCTB49-2 Datasheet
130Kb / 1P
TERMINAL BLOCKS 7.5mm PITCH PLUG IN
DBCTB872 DUBILIER-DBCTB872 Datasheet
431Kb / 3P
TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT
logo
CamdenBoss Ltd.
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP3051 CAMDENBOSS-CTBP3051 Datasheet
438Kb / 1P
3.5mm pitch low profile commercial screw terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
CTBP9400 CAMDENBOSS-CTBP9400 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9500 CAMDENBOSS-CTBP9500 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
CTBP9550 CAMDENBOSS-CTBP9550 Datasheet
761Kb / 2P
7.5mm pitch pluggable rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com