Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ76972XY Datasheet (PDF) - Texas Instruments

BQ76972XY Datasheet PDF - Texas Instruments
Part # BQ76972XY
Download  BQ76972XY Download
File Size   2958.0 Kbytes
Page   87 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ76972 3-Series to 16-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs

BQ76972XY Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ76972XY Datasheet PDF - Texas Instruments

Part # BQ76972XY
Download  BQ76972XY Click to download

File Size   2958.0 Kbytes
Page   87 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ76972 3-Series to 16-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs

BQ76972XY Datasheet (HTML) - Texas Instruments


BQ76972XY Product details

1 Features
• Battery monitoring capability for 3-series to 16-
series cells
• High accuracy cell voltage measurement of ±3.0
mV
• Integrated charge pump for high-side NFET
protection with optional autonomous recovery
• Extensive protection suite including voltage,
temperature, current, and internal diagnostics
• Two independent ADCs
– Support for simultaneous current and voltage
sampling
– High-accuracy coulomb counter with input
offset error < 1 μV (typical)
• Wide-range current applications (±200-mV
measurement range across sense resistor)
• Integrated secondary chemical fuse drive
protection
• Autonomous or host-controlled cell balancing
• Multiple power modes (typical battery pack
operating range conditions)
– NORMAL mode: 286 μA
– Multiple SLEEP mode options: 24 μA to 41 μA
– Multiple DEEPSLEEP mode options: 9 μA to 10
μA
– SHUTDOWN mode: 1 μA
• High-voltage tolerance of 85 V on cell connect and
select additional pins
• Tolerant of random cell attach sequence on
production line
• Support for temperature sensing using internal
sensor and up to nine external thermistors
• Integrated one-time-programmable (OTP) memory
programmable by customers on production line
• Communication options include 400-kHz I2C, SPI,
and HDQ one-wire interface
• Dual-programmable LDOs for external system
usage
• 48-pin TQFP package (PFB)

2 Applications
• Energy storage systems
• Battery backup unit (BBU)
• E-bike, e-scooter, and LEV
• Cordless power tools and garden tools
• Non-military drones
• Other industrial battery pack (≥10series)
3 Description
The Texas Instruments BQ76972 device is a
highly integrated, high-accuracy battery monitor
and protector for 3-series to 16-series Li-ion, Lipolymer,
and LiFePO4 battery packs. The device
includes a high-accuracy monitoring system, a
highly configurable protection subsystem, and support
for autonomous or host controlled cell balancing.
Integration includes high-side charge-pump NFET
drivers, dual programmable LDOs for external system
use, and a host communication peripheral supporting
400-kHz I2C, SPI, and HDQ one-wire standards.
The BQ76972 device is available in a 48-pin TQFP
package.




Similar Part No. - BQ76972XY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76972XX-Q1 TI2-BQ76972XX-Q1 Datasheet
2Mb / 86P
BQ76972-Q1 3-Series to 16-Series High Accuracy Automotive Battery Monitor and Protector for Li-Ion and LiFePO4 Battery and Supercap Packs
MAY 2026
More results


Similar Description - BQ76972XY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76952 TI1-BQ76952 Datasheet
4Mb / 215P
BQ76952 3-s to 16-s High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer,and LiFePO4 Battery Packs
BQ76942 TI1-BQ76942 Datasheet
5Mb / 205P
BQ76942 High Accuracy 3-s to 10-s High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ76952 TI-BQ76952_V01 Datasheet
4Mb / 215P
BQ76952 3-s to 16-s High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs
BQ769142 TI-BQ769142 Datasheet
3Mb / 78P
BQ769142 3-Series to 14-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs
BQ76942 TI-BQ76942_V01 Datasheet
3Mb / 82P
BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ76942 TI-BQ76942_V02 Datasheet
3Mb / 83P
BQ76942 3-Series to 10-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li- Polymer, and LiFePO4 Battery Packs
BQ76952 TI-BQ76952_V02 Datasheet
3Mb / 85P
BQ76952 3-Series to 16-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, and LiFePO4 Battery Packs
BQ76907 TI1-BQ76907 Datasheet
2Mb / 64P
BQ76907 2-Series to 7-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ76905 TI1-BQ76905 Datasheet
2Mb / 61P
BQ76905 2-Series to 5-Series High Accuracy Battery Monitor and Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
NOVEMBER 2023
BQ77307 TI1-BQ77307 Datasheet
2Mb / 50P
BQ77307 2-Series to 7-Series High Accuracy Battery Primary or Secondary Protector for Li-Ion, Li-Polymer, LiFePO4 (LFP), and LTO Battery Packs
DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com