Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8847PWPR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
DRV8847PWPR Datasheet PDF - Texas Instruments
Part # DRV8847PWPR
Download  DRV8847PWPR Download
File Size   3556.39 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8847 Dual H-Bridge Motor Driver

DRV8847PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8847PWPR Datasheet PDF - Texas Instruments

Part # DRV8847PWPR
Download  DRV8847PWPR Click to download

File Size   3556.39 Kbytes
Page   89 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DRV8847 Dual H-Bridge Motor Driver

DRV8847PWPR Datasheet (HTML) - Texas Instruments


DRV8847PWPR Product details

1 Features
• Dual H-bridge motor driver
– Single or dual-brushed DC motors
– One bipolar stepper motor
– Solenoid loads
• 2.7-V to 18-V operating voltage range
• High output current per H-bridge
– 1-A RMS driver current at TA = 25°C
– 2-A RMS driver current in parallel mode at TA =
25°C
• Low on-state resistance at VM > 5-V
– 1000 mΩ RDS(ON) (HS + LS) at TA = 25°C
• Multiple control interface options
– 4-Pin interface
– 2-Pin interface
– Parallel bridge interface
– Independent bridge interface
• Current regulation with 20-μs fixed off-time
• Torque scalar for scaling output current to 50%
• Supports 1.8-V, 3.3-V, 5-V logic inputs
• Low-power sleep mode
– 1.7-μA Sleep mode supply current at VVM = 12-
V, TA = 25°C
• I2C Device Variant Available (DRV8847S)
– Detailed diagnostics on I2C registers
– Multi-slave operation support
– Supports standard and fast I2C mode
• Small packages and footprints
– 16 Pin TSSOP (no thermal pad)
– 16 Pin HTSSOP PowerPAD™ package
– 16 Pin WQFN thermal package
• Built-in protection features
– VM undervoltage lockout
– Overcurrent protection
– Open load detection
– Thermal shutdown
– Fault condition indication pin (nFAULT)
2 Applications
• Refrigerator damper and ice maker
• Washers, dryers and dishwashers
• Electronic point-of-sale (ePOS) printers
• Stage lighting equipment
• Miniature circuit breakers and smart meters
3 Description
The DRV8847 device is a dual H-bridge motor driver
for industrial applications, home appliances, ePOS
printers, and other mechatronic applications. This
device can be used for driving two DC motors, a
bipolar stepper motor, or other loads such as relays.
A simple PWM interface allows an easy interface with
the controller. The DRV8847 device operates off a
single power supply and supports a wide input supply
range from 2.7 to 18 V.
The output stage of the driver consists of N-channel
power MOSFETs configured as two full H-bridges to
drive motor windings or four independent half bridges
(in an independent bridge interface). A fixed off time
controls the peak current in the bridge which can drive
a 1-A load (2-A in parallel mode with proper heat
sinking, at 25°C TA).
A low-power sleep mode is provided to achieve a
low quiescent current draw by shutting down much
of the internal circuitry. Additionally, a torque scalar is
provided which dynamically scales the output current
through a digital input pin. This feature lets the
controller decrease the current required for lower
power consumption.
Internal protection functions are provided for
undervoltage-lockout, overcurrent protection on each
FET, short circuit protection, open-load detection, and
overtemperature. Fault conditions are indicated by the
nFAULT pin. The I2C device variant (DRV8847S) has
detailed diagnostics.




Similar Part No. - DRV8847PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8847PWPR TI1-DRV8847PWPR Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847PWPR TI1-DRV8847PWPR Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847PWPR TI1-DRV8847PWPR Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847PWPR TI1-DRV8847PWPR Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
DRV8847PWPR TI-DRV8847PWPR Datasheet
3Mb / 86P
DRV8847 Dual H-Bridge Motor Driver
DECEMBER 2023
More results


Similar Description - DRV8847PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com