Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1510 Datasheet (PDF) - Intersil Corporation

EL1510 Datasheet PDF - Intersil Corporation
Part # EL1510
Download  EL1510 Download
File Size   227.25 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1510 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1510 Datasheet PDF - Intersil Corporation

Part # EL1510
Download  EL1510 Click to download

File Size   227.25 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Medium Power Differential Line Driver

EL1510 Datasheet (HTML) - Intersil Corporation


EL1510 Product details

General Description
The EL1510C is a dual operational amplifier designed for central office and customer premise line driving in both SDSL and ADSL solutions. This device features a high drive capability of 250mA while consuming only 7.5mA of supply current per amplifier, operating from ±12V supplies. This driver achieves a typical distortion of less than -85dBc, at 150kHz into a 25W load. The EL1510CL is available in the power 8-pin LPP package and is specified for operation over the full -40°C to +85°C temperature range.

Features
• 40VP-P differential output drive
   into 100W
• -85dBc typical driver output
   distortion at full output at 150kHz
• Low quiescent current of 7.5mA
   per amplifier

Applications
• ADSL G.lite CO line driving
• G.SHDSL, HDSL2 line drivers
• ADSL full rate CPE line driving
• Video distribution amplifiers
• Video twisted-pair line drivers




Similar Part No. - EL1510

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1510 ELANTEC-EL1510 Datasheet
136Kb / 2P
Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1510 RENESAS-EL1510 Datasheet
516Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1510C ELANTEC-EL1510C Datasheet
136Kb / 2P
Medium Power Differential Line Driver
EL1510CL ELANTEC-EL1510CL Datasheet
136Kb / 2P
Medium Power Differential Line Driver
logo
Renesas Technology Corp
EL1510CL RENESAS-EL1510CL Datasheet
516Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results


Similar Description - EL1510

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
Medium Power Differential Line Driver
July 26, 2004
EL1506 INTERSIL-EL1506 Datasheet
86Kb / 2P
Medium Power Differential Line Driver
December 9, 2002
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com