Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5860TRKPR Datasheet (PDF) - Texas Instruments

LP5860TRKPR Datasheet PDF - Texas Instruments
Part # LP5860TRKPR
Download  LP5860TRKPR Download
File Size   3425.68 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming

LP5860TRKPR Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5860TRKPR Datasheet PDF - Texas Instruments

Part # LP5860TRKPR
Download  LP5860TRKPR Click to download

File Size   3425.68 Kbytes
Page   60 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming

LP5860TRKPR Datasheet (HTML) - Texas Instruments


LP5860TRKPR Product details

1 Features
• LED matrix topology:
– 18 constant current sinks with 11 scan switches
for 198 LED dots
– Configurable for 1 to 11 scan switches
• Operating voltage range:
– VCC/VLED range: 2.7 V to 5.5 V
– Logic pins compatible with 1.8 V, 3.3 V, and 5 V
• 18 constant current sinks with high precision:
– 100 mA per current sink when VCC ≥ 3.3 V
– Device-to-device error: ±5%
– Channel-to-channel error: ±5%
– Phase-shift for balanced transient power
• Ultra-low power consumption:
– Shutdown mode: ICC ≤ 1 uA when EN = Low
– Standby mode: ICC ≤ 10 uA when EN = High
and CHIP_EN = 0 (data retained)
– Active mode: ICC = 5 mA (typ.) when channel
current = 12.5 mA
• Flexible dimming options:
– Individual ON/OFF control for each LED dot
– Analog dimming (current gain control)
• Global 7-step Maximum Current (MC)
setting for all LED dots
• 3 groups of 7-bit Color Current (CC) setting
for red, green, and blue
• Individual 8-bit Dot Current (DC) setting for
each LED dot
– PWM dimming with audible-noise-free
frequency
• Global 8-bit PWM dimming for all LED dots
• 3 programmable groups of 8-bit PWM
dimming for LED dot arbitrary mapping
• Individual 8-bit or 16-bit PWM dimming for
each LED dot
• Full addressable SRAM to minimize data traffic
• Individual LED dot open/short detection
• De-ghosting and low brightness compensation
• Interface options:
– 1-MHz (max.) I2C interface when IFS = Low
– 12-MHz (max.) SPI interface when IFS = High
2 Applications
• LED animation and indication for:
– Major and smart home appliances
– Global RGB keyboard backlighting
– Outdoor keypad backlighting
– IR module for video surveillance and IP camera
– Laser diode in optical module
3 Description
The LP5860T is a high-current and high-performance
LED matrix driver. The device integrates 18 constant
current sinks with N (N = 6/8/11) switching MOSFETs
to support . The LP5860T integrates 11 MOSFETs for
up to 198 LED dots or 66 RGB LEDs.
The LP5860T supports both analog dimming and
PWM dimming methods. For analog dimming, each
LED dot can be adjusted with 256 steps. For PWM
dimming, the integrated 8-bit or 16-bit configurable
PWM generators enable smooth and audible-noisefree
dimming control. Each LED dot can also be
arbitrarily mapped into 8-bit Group PWM to achieve
dimming control together.
The LP5860T device implements full addressable
SRAM to minimize the data traffic. The ghostcancellation
circuitry is integrated to eliminate both
upside and downside ghosting. The LP5860T also
supports LED open and short detection functions.
Both 1-MHz (maximum) I2C and 12-MHz (maximum)
SPI are available in LP5860T.




Similar Part No. - LP5860TRKPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5860TRKPR TI-LP5860TRKPR Datasheet
3Mb / 56P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5860TRKPR TI-LP5860TRKPR Datasheet
2Mb / 71P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5860TRKPR TI1-LP5860TRKPR Datasheet
3Mb / 69P
LP5867 7 × 6 LED Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED APRIL 2024
More results


Similar Description - LP5860TRKPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
8-bit Constant Current LED Driver
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
18-Dec-2009
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
logo
Texas Instruments
LP5860 TI-LP5860 Datasheet
2Mb / 57P
LP5860 11 횞 18 LED Matrix Driver with 8-bit Analog and 8-/16-bit PWM Dimming
LP5860T TI-LP5860T Datasheet
3Mb / 56P
LP5860T 11 × 18 LED High-Current Matrix Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5861T TI-LP5861T Datasheet
2Mb / 71P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
MAY 2023
LP5861T TI1-LP5861T_V01 Datasheet
2Mb / 76P
LP5861T 18-Channel High-Current LED Driver with 8-Bit Analog and 8-Bit or 16-Bit PWM Dimming
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com