Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382A Datasheet (PDF) - Analog Devices

ADF4382A Datasheet PDF - Analog Devices
Part # ADF4382A
Download  ADF4382A Download
File Size   3917.0 Kbytes
Page   70 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF4382A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF4382A Datasheet PDF - Analog Devices

Part # ADF4382A
Download  ADF4382A Click to download

File Size   3917.0 Kbytes
Page   70 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Microwave Wideband Synthesizer with Integrated VCO

ADF4382A Datasheet (HTML) - Analog Devices


ADF4382A Product details

GENERAL DESCRIPTION
The ADF4382A is a high performance, ultralow jitter, fractional-N
phased-locked loop (PLL) with an integrated voltage controlled
oscillator (VCO) ideally suited for local oscillator (LO) generation
for 5G applications or data converter clock applications. The high
performance PLL has a figure of merit of −239 dBc/Hz, low 1/f
noise and high PFD frequency of 625 MHz in integer mode that can
achieve ultralow in-band noise and integrated jitter. The ADF4382A
can generate frequencies in a fundamental octave range of 11.5
GHz to 21 GHz, thereby eliminating the need for subharmonic
filters. The divide by 2 and divide by 4 output dividers on the
ADF4382A allow frequencies to be generated from 5.75 GHz to
10.5 GHz and 2.875 GHz to 5.25 GHz, respectively.
For multiple data converter clock applications, the ADF4382A automatically
aligns its output to the input reference edge by including
the output divider in the PLL feedback loop. For applications that require
deterministic delay or delay adjustment capability, a programmable
reference to output delay with <1 ps resolution is provided.
The reference to output delay matching across multiple devices and
over temperature allows predictable and precise multichip clock and
system reference (SYSREF) alignment.
The simplicity of the ADF4382A block diagram eases development
time with a simplified serial peripheral interface (SPI) register map,
repeatable multichip clock alignment, and limiting unwanted clock
spurs by allowing off-chip SYSREF generation.

FEATURES
► Fundamental output frequency range: 11.5 GHz to 21 GHz
► Divide by 2 output frequency range: 5.75 GHz to 10.5 GHz
► Divide by 4 output frequency range: 2.875 GHz to 5.25 GHz
► Integrated RMS jitter at 20 GHz = 20 fs (integration bandwidth:
100 Hz to 100 MHz)
► Integrated RMS jitter at 20 GHz = 31 fs (ADC SNR method)
► VCO autocalibration time < 100 μs
► Phase noise floor: −156 dBc/Hz at 20 GHz
► PLL specifications
► −239 dBc/Hz: normalized in-band phase noise floor
► −287 dBc/Hz: normalized 1/f phase noise floor
► 625 MHz maximum phase/frequency detector input frequency
► 4.5 GHz reference input frequency
► Typical spurious fPFD: −90 dBc
► Reference to output delay specifications
► Propagation delay temperature coefficient: 0.06 ps/°C
► Adjustment step size: <1 ps
► Multichip output phase alignment
► 3.3 V and 5 V power supplies
► ADIsimPLLTM loop filter design tool support
► 7 mm × 7 mm, 48-terminal LGA
► −40°C to +105°C operating temperature

APPLICATIONS
► High performance data converter clocking
► Wireless infrastructure (MC-GSM, 5G, 6G)
► Test and measurement




Similar Part No. - ADF4382A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4382A AD-ADF4382A Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
ADF4382ABCCZ AD-ADF4382ABCCZ Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
ADF4382ABCCZ-RL7 AD-ADF4382ABCCZ-RL7 Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
ADF4382A AD-ADF4382A_V01 Datasheet
1Mb / 82P
Microwave Wideband Synthesizer with Integrated VCO
Rev. A
More results


Similar Description - ADF4382A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5355 AD-ADF5355 Datasheet
817Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
REV. A
ADF4355 AD-ADF4355_17 Datasheet
848Kb / 35P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF4355-2 AD-ADF4355-2_17 Datasheet
895Kb / 37P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. B to Rev. C
ADF4355-3 AD-ADF4355-3_17 Datasheet
819Kb / 34P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. A to Rev. B
ADF5355 AD-ADF5355_17 Datasheet
795Kb / 38P
Microwave Wideband Synthesizer with Integrated VCO
8/2017-Rev. C to Rev D
ADF4371 AD-ADF4371 Datasheet
4Mb / 46P
Microwave Wideband Synthesizer Integrated VCO
ADF5610 AD-ADF5610_V01 Datasheet
1,016Kb / 51P
Microwave Wideband Synthesizer Integrated VCO
2/2019-Revision 0
ADF4372 AD-ADF4372 Datasheet
849Kb / 47P
Microwave Wideband Synthesizer with Integrated VCO
8/2019-Revision 0
ADF4377 AD-ADF4377 Datasheet
4Mb / 79P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
ADF4368 AD-ADF4368 Datasheet
2Mb / 54P
Microwave Wideband Synthesizer with Integrated VCO
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com