Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1308659 Datasheet (PDF) - PHOENIX CONTACT

1308659 Datasheet PDF - PHOENIX CONTACT
Part # 1308659
Download  1308659 Download
File Size   185.02 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/5-C3-FT25-FS2,5 - Device connector front mounting

1308659 Datasheet (PDF)

Go To PDF Page Download Datasheet
1308659 Datasheet PDF - PHOENIX CONTACT

Part # 1308659
Download  1308659 Click to download

File Size   185.02 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/5-C3-FT25-FS2,5 - Device connector front mounting

1308659 Datasheet (HTML) - PHOENIX CONTACT


1308659 Product details

Device connector front mounting, Range of articles: PRC 20, color: black, number of positions: 5,
min. conductor cross section: 0.5 mm2, max. conductor cross section: 2.5 mm2, rated voltage:
400 V, rated current: 20 A, Connection method: Screw connection, Contact connection type:
Socket. Setting option for release: 1. with a tool or 2. by hand. HYBRID

Your advantages
• More space on the device front with current transmission up to 20 A in a minimum amount of space
• Duo-Unlock technology for greater flexibility during installation and maintenance
• Reliable use under extreme ambient conditions with high degrees of protection and impact resistance
• Simple handling with proven crimp or screw connection technology
• Mechanical and color coding for quick and error-free startup




Similar Part No. - 1308659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308652 PHOENIX-1308652 Datasheet
284Kb / 4P
Device connector front mounting - PRC 20/5-C1-FT25-FS2,5
Nov 3, 2022
1308654 PHOENIX-1308654 Datasheet
186Kb / 4P
PRC 20/5-C2-FT25-MS2,5 - Device connector front mounting
1308656 PHOENIX-1308656 Datasheet
184Kb / 4P
PRC 20/5-C2-FT25-FS2,5 - Device connector front mounting
1308658 PHOENIX-1308658 Datasheet
186Kb / 4P
PRC 20/5-C3-FT25-MS2,5 - Device connector front mounting
More results


Similar Description - 1308659

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308652 PHOENIX-1308652 Datasheet
284Kb / 4P
Device connector front mounting - PRC 20/5-C1-FT25-FS2,5
Nov 3, 2022
1308634 PHOENIX-1308634 Datasheet
184Kb / 4P
PRC 20/4-C1-FT25-FS2,5 - Device connector front mounting
1308636 PHOENIX-1308636 Datasheet
184Kb / 4P
PRC 20/4-C2-FT25-FS2,5 - Device connector front mounting
1308638 PHOENIX-1308638 Datasheet
184Kb / 4P
PRC 20/4-C3-FT25-FS2,5 - Device connector front mounting
1308656 PHOENIX-1308656 Datasheet
184Kb / 4P
PRC 20/5-C2-FT25-FS2,5 - Device connector front mounting
1309414 PHOENIX-1309414 Datasheet
184Kb / 4P
PRC 20/4-C4-FT25-FS2,5 - Device connector front mounting
1309418 PHOENIX-1309418 Datasheet
184Kb / 4P
PRC 20/5-C4-FT25-FS2,5 - Device connector front mounting
1313300 PHOENIX-1313300 Datasheet
285Kb / 5P
PRC 20/3-C1-FT25-FS2,5 - Device connector front mounting
1308637 PHOENIX-1308637 Datasheet
186Kb / 4P
PRC 20/4-C3-FT25-MS2,5 - Device connector front mounting
1308658 PHOENIX-1308658 Datasheet
186Kb / 4P
PRC 20/5-C3-FT25-MS2,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com