Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1856100 Datasheet (PDF) - PHOENIX CONTACT

1856100 Datasheet PDF - PHOENIX CONTACT
Part # 1856100
Download  1856100 Download
File Size   340.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDS 3/ 8-5,08 BK - PCB terminal block

1856100 Datasheet (PDF)

Go To PDF Page Download Datasheet
1856100 Datasheet PDF - PHOENIX CONTACT

Part # 1856100
Download  1856100 Click to download

File Size   340.12 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKKDS 3/ 8-5,08 BK - PCB terminal block

1856100 Datasheet (HTML) - PHOENIX CONTACT


1856100 Product details

PCB terminal block, nominal current: 22 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of rows: 2, number of positions per row: 8, product range: MKKDS 3, pitch: 5.08
mm, connection method: Screw connection with tension sleeve, screw head form: L Slotted,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: black, Pin layout:
Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Conductor connection on several levels enables higher contact density
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve




Similar Part No. - 1856100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1856126 PHOENIX-1856126 Datasheet
75Kb / 4P
PCB connection terminal block - MKDSP 50/ 2-17,5
1856139 PHOENIX-1856139 Datasheet
76Kb / 4P
PCB connection terminal block - MKDSP 50/ 3-17,5
1856142 PHOENIX-1856142 Datasheet
75Kb / 4P
PCB connection terminal block - MKDSP 50/ 4-17,5
1856155 PHOENIX-1856155 Datasheet
75Kb / 4P
PCB connection terminal block - MKDSP 50/ 5-17,5
1856168 PHOENIX-1856168 Datasheet
73Kb / 4P
PCB connection terminal block - MKDSP 50/ 1-17,5-FL
More results


Similar Description - 1856100

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719109 PHOENIX-1719109 Datasheet
71Kb / 5P
PCB terminal block - MKKDS 3/ 2-5,08 ABGY
1870941 PHOENIX-1870941 Datasheet
82Kb / 3P
MKKDS 3/ 3-5,08 BK
1871762 PHOENIX-1871762 Datasheet
65Kb / 5P
PCB terminal block - MKDS 3/ 8-5,08 BK
1891564 PHOENIX-1891564 Datasheet
70Kb / 5P
PCB terminal block - MKKDS 3/ 2-5,08 BK
1904105 PHOENIX-1904105 Datasheet
55Kb / 4P
PCB terminal block - MKKDS 5/ 3-9,5 BK
1906161 PHOENIX-1906161 Datasheet
56Kb / 5P
PCB terminal block - MKKDS 3/ 2 BK
1907759 PHOENIX-1907759 Datasheet
71Kb / 5P
PCB terminal block - MKKDS 3/ 5-5,08
1986482 PHOENIX-1986482 Datasheet
56Kb / 4P
PCB terminal block - MKKDS 1,5/10-5,08
1712468 PHOENIX-1712468 Datasheet
90Kb / 2P
PCB terminal block - MKKDS 3/18-5,08 MC BK/OG H1L
11/04/2018
1889987 PHOENIX-1889987 Datasheet
88Kb / 6P
PCB terminal block - MKKDS 3/ 4-5,08
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com