Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1930179 Datasheet (PDF) - PHOENIX CONTACT

1930179 Datasheet PDF - PHOENIX CONTACT
Part # 1930179
Download  1930179 Download
File Size   427.1 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 2,5/12 - PCB terminal block

1930179 Datasheet (PDF)

Go To PDF Page Download Datasheet
1930179 Datasheet PDF - PHOENIX CONTACT

Part # 1930179
Download  1930179 Click to download

File Size   427.1 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSN 2,5/12 - PCB terminal block

1930179 Datasheet (HTML) - PHOENIX CONTACT


1930179 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 12, number of rows: 1, number of positions per row: 12, product
range: MKDSN 2,5, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: H1L Slotted Phillips recess, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number
of solder pins per potential: 1, type of packaging: packed in cardboard. The article can be aligned
to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1930179

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1930170000 WEIDMULLER-1930170000 Datasheet
575Kb / 7P
BVZ 7.62HP/03/180SF SN BK BX
More results


Similar Description - 1930179

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1931644 PHOENIX-1931644 Datasheet
158Kb / 8P
PCB terminal block - MKDSN 2,5/ 5-5,08
1932805 PHOENIX-1932805 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 BK
1946228 PHOENIX-1946228 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 KMGY
1989405 PHOENIX-1989405 Datasheet
61Kb / 4P
PCB terminal block - MKDSN 2,5/ 6-5,08
1991338 PHOENIX-1991338 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/ 7-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
1938317 PHOENIX-1938317 Datasheet
115Kb / 5P
PCB terminal block - MKDSN 2,5/ 4 BK
11/05/2018
1905120 PHOENIX-1905120 Datasheet
428Kb / 14P
PCB terminal block - MKDSN 2,5/ 6
Sep 8, 2022
1905683 PHOENIX-1905683 Datasheet
416Kb / 13P
PCB terminal block - MKDSN 2,5/ 5
Sep 8, 2022
1829713 PHOENIX-1829713 Datasheet
455Kb / 12P
MKDSN 2,5/12-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com