Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1984879 Datasheet (PDF) - PHOENIX CONTACT

1984879 Datasheet PDF - PHOENIX CONTACT
Part # 1984879
Download  1984879 Download
File Size   406.11 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/13-3,5-V - PCB terminal block

1984879 Datasheet (PDF)

Go To PDF Page Download Datasheet
1984879 Datasheet PDF - PHOENIX CONTACT

Part # 1984879
Download  1984879 Click to download

File Size   406.11 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/13-3,5-V - PCB terminal block

1984879 Datasheet (HTML) - PHOENIX CONTACT


1984879 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 13, number of rows: 1, number of positions per row: 13, product
range: PT 1,5/..-V, pitch: 3.5 mm, connection method: Screw connection with wire protector,
mounting: Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 4.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1984879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1984808 PHOENIX-1984808 Datasheet
384Kb / 10P
PCB terminal block - PT 1,5/ 6-3,5-V
Jan 5, 2023
1984811 PHOENIX-1984811 Datasheet
150Kb / 7P
PCB terminal block - PT 1,5/ 7-3,5-V
1984837 PHOENIX-1984837 Datasheet
407Kb / 12P
PT 1,5/ 9-3,5-V - PCB terminal block
1984840 PHOENIX-1984840 Datasheet
384Kb / 10P
PCB terminal block - PT 1,5/10-3,5-V
Jan 10, 2023
1984853 PHOENIX-1984853 Datasheet
406Kb / 12P
PT 1,5/11-3,5-V - PCB terminal block
More results


Similar Description - 1984879

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1984811 PHOENIX-1984811 Datasheet
150Kb / 7P
PCB terminal block - PT 1,5/ 7-3,5-V
1984772 PHOENIX-1984772 Datasheet
143Kb / 9P
PCB terminal block - PT 1,5/ 3-3,5-V
09/12/2020
1984769 PHOENIX-1984769 Datasheet
361Kb / 9P
PCB terminal block - PT 1,5/ 2-3,5-V
Jan 3, 2023
1984785 PHOENIX-1984785 Datasheet
361Kb / 9P
PCB terminal block - PT 1,5/ 4-3,5-V
Jan 5, 2023
1984798 PHOENIX-1984798 Datasheet
384Kb / 10P
PCB terminal block - PT 1,5/ 5-3,5-V
Jan 10, 2023
1984808 PHOENIX-1984808 Datasheet
384Kb / 10P
PCB terminal block - PT 1,5/ 6-3,5-V
Jan 5, 2023
1984840 PHOENIX-1984840 Datasheet
384Kb / 10P
PCB terminal block - PT 1,5/10-3,5-V
Jan 10, 2023
1984837 PHOENIX-1984837 Datasheet
407Kb / 12P
PT 1,5/ 9-3,5-V - PCB terminal block
1984853 PHOENIX-1984853 Datasheet
406Kb / 12P
PT 1,5/11-3,5-V - PCB terminal block
1984866 PHOENIX-1984866 Datasheet
407Kb / 12P
PT 1,5/12-3,5-V - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com