Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1985098 Datasheet (PDF) - PHOENIX CONTACT

1985098 Datasheet PDF - PHOENIX CONTACT
Part # 1985098
Download  1985098 Download
File Size   424.93 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 1,5/15-3,5-F - PCB terminal block

1985098 Datasheet (PDF)

Go To PDF Page Download Datasheet
1985098 Datasheet PDF - PHOENIX CONTACT

Part # 1985098
Download  1985098 Click to download

File Size   424.93 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 1,5/15-3,5-F - PCB terminal block

1985098 Datasheet (HTML) - PHOENIX CONTACT


1985098 Product details

PCB terminal block, nominal current: 8 A, rated voltage (III/2): 250 V, nominal cross section: 1.5
mm2, number of potentials: 15, number of rows: 1, number of positions per row: 15, product
range: PTSA 1,5, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard. Soldering legs in front area, one-rowed

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1985098

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985001 PHOENIX-1985001 Datasheet
250Kb / 13P
PCB terminal block, Push-in spring connection
1985014 PHOENIX-1985014 Datasheet
84Kb / 5P
Spring-cage PCB terminal block - PTSA 1,5/ 7-3,5-F
1985027 PHOENIX-1985027 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 8-3,5-F
Sep 8, 2022
1985030 PHOENIX-1985030 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 9-3,5-F
Nov 30, 2022
1985043 PHOENIX-1985043 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/10-3,5-F
More results


Similar Description - 1985098

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985043 PHOENIX-1985043 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/10-3,5-F
1985108 PHOENIX-1985108 Datasheet
142Kb / 7P
PCB terminal block - PTSA 1,5/16-3,5-F
1984976 PHOENIX-1984976 Datasheet
139Kb / 9P
PCB terminal block - PTSA 1,5/ 3-3,5-F
09/12/2020
1984963 PHOENIX-1984963 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-F
Sep 8, 2022
1984989 PHOENIX-1984989 Datasheet
439Kb / 11P
PCB terminal block - PTSA 1,5/ 4-3,5-F
Jul 21, 2022
1984992 PHOENIX-1984992 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/ 5-3,5-F
Jan 3, 2023
1985085 PHOENIX-1985085 Datasheet
425Kb / 11P
PCB terminal block - PTSA 1,5/14-3,5-F
Jan 3, 2023
1985328 PHOENIX-1985328 Datasheet
287Kb / 9P
PCB terminal block - PTSA 1,5/15-3,5-Z
1985111 PHOENIX-1985111 Datasheet
424Kb / 11P
PTSA 1,5/17-3,5-F - PCB terminal block
1985072 PHOENIX-1985072 Datasheet
425Kb / 11P
PTSA 1,5/13-3,5-F - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com