Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1989081 Datasheet (PDF) - PHOENIX CONTACT

1989081 Datasheet PDF - PHOENIX CONTACT
Part # 1989081
Download  1989081 Download
File Size   428.6 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTA 1,5/15-3,5 - PCB terminal block

1989081 Datasheet (PDF)

Go To PDF Page Download Datasheet
1989081 Datasheet PDF - PHOENIX CONTACT

Part # 1989081
Download  1989081 Click to download

File Size   428.6 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTA 1,5/15-3,5 - PCB terminal block

1989081 Datasheet (HTML) - PHOENIX CONTACT


1989081 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 200 V, nominal cross section:
1.5 mm2, number of potentials: 15, number of rows: 1, number of positions per row: 15, product
range: PTA 1,5, pitch: 3.5 mm, connection method: Screw connection with wire protector,
mounting: Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout:
Linear front pinning, Solder pin [P]: 2.8 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1989081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989007 PHOENIX-1989007 Datasheet
340Kb / 10P
PTA 1,5/ 7-3,5 - PCB terminal block
1989010 PHOENIX-1989010 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/ 8-3,5
Nov 30, 2022
1989023 PHOENIX-1989023 Datasheet
340Kb / 10P
PTA 1,5/ 9-3,5 - PCB terminal block
1989036 PHOENIX-1989036 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/10-3,5
1989052 PHOENIX-1989052 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/12-3,5
More results


Similar Description - 1989081

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1988862 PHOENIX-1988862 Datasheet
87Kb / 5P
PCB terminal block - PTA 1,5/ 8-5,0
1988930 PHOENIX-1988930 Datasheet
87Kb / 5P
PCB terminal block - PTA 1,5/15-5,0
1988998 PHOENIX-1988998 Datasheet
105Kb / 6P
PCB terminal block - PTA 1,5/ 6-3,5
09/12/2020
1989078 PHOENIX-1989078 Datasheet
105Kb / 6P
PCB terminal block - PTA 1,5/14-3,5
09/12/2020
1988985 PHOENIX-1988985 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/ 5-3,5
Nov 30, 2022
1989010 PHOENIX-1989010 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/ 8-3,5
Nov 30, 2022
1988969 PHOENIX-1988969 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/ 3-3,5
1989036 PHOENIX-1989036 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/10-3,5
1989052 PHOENIX-1989052 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/12-3,5
1989094 PHOENIX-1989094 Datasheet
243Kb / 8P
PCB terminal block - PTA 1,5/16-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com