Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA16 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TA16 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TA16
Download  TA16 Download
File Size   873.42 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push) ; 2,500N (pull)

TA16 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA16 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TA16
Download  TA16 Click to download

File Size   873.42 Kbytes
Page   10 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Max. load 4,500N (push) ; 2,500N (pull)

TA16 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TA16 Product details

General Features
Max. load 4,500N (push) ; 2,500N (pull)
Max. speed at max. load 4.9mm/s
Max. speed at no load 56.5mm/s
Retracted length ≥ Stroke + 112mm
IP rating IP66M
Certificate IEC60601-1, ES60601-1, IEC60601-1-2,
UL962, EMC
Stroke 20~600mm
Output Signals Pot., NPN Hall sensors
Options Motor brake
Voltage 12/24/36/48V DC; 12/24/48V DC (PTC)
Color Silver
Operational temperature range +5°C~+45°C
at full performance
With very low noise, small size for easy installation
Suitable for patient hoist application




Similar Part No. - TA16

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results


Similar Description - TA16

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
MA3 TIMOTION-MA3 Datasheet
998Kb / 8P
Max. load 16,000N (push/pull)
20231020-K
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA25 TIMOTION-TA25 Datasheet
1,022Kb / 7P
Max. load 1,000N (push / pull)
20220712-E
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA9 TIMOTION-TA9 Datasheet
887Kb / 11P
Max. load 2,500N (push); 1,000N (pull)
20210521-O
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
VN3 TIMOTION-VN3 Datasheet
348Kb / 6P
Max. load 3,000N (push/pull)
20231206-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com