Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL90843 Datasheet (PDF) - Intersil Corporation

ISL90843 Datasheet PDF - Intersil Corporation
Part # ISL90843
Download  ISL90843 Download
File Size   750.92 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digital Controlled Potentiometers (XDCP??

ISL90843 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL90843 Datasheet PDF - Intersil Corporation

Part # ISL90843
Download  ISL90843 Click to download

File Size   750.92 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad Digital Controlled Potentiometers (XDCP??

ISL90843 Datasheet (HTML) - Intersil Corporation


ISL90843 Product details

The ISL90843 integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated circuit.

Features
• Four potentiometers in one package
• 256 resistor taps–0.4% resolution
• I2C serial interface
    - Two address pins allow up to four devices/bus
• Wiper resistance: 70Ω typical @ 3.3V
• Standby current <5µA max
• Power supply: 2.7V to 5.5V
• 10kΩ or 50kΩ total resistance
• 10 Ld MSOP package
• Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL90843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
ISL90843UIU1027Z RENESAS-ISL90843UIU1027Z Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
ISL90843WIU1027Z RENESAS-ISL90843WIU1027Z Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
More results


Similar Description - ISL90843

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
Quad Digitally Controlled Potentiometers (XDCP)
X9258 XICOR-X9258 Datasheet
413Kb / 22P
Quad Digital Controlled Potentiometers (XDCP)
X9259 XICOR-X9259 Datasheet
400Kb / 25P
Quad Digitally-Controlled (XDCP) Potentiometers
X9400 XICOR-X9400 Datasheet
150Kb / 22P
Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
Quad Digitally Controlled Potentiometers (XDCP)
November 14, 2006
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
Quad Digitally Controlled Potentiometers (XDCP??
February 8, 2006
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
Quad Digital Controlled Potentiometers(XDCP??
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
Quad Digitally Controlled (XDCP?? Potentiometers
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com