Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1899236 Datasheet (PDF) - PHOENIX CONTACT

1899236 Datasheet PDF - PHOENIX CONTACT
Part # 1899236
Download  1899236 Download
File Size   564.18 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBVA 2,5/12-G-5,08 - Feed-through header

1899236 Datasheet (PDF)

Go To PDF Page Download Datasheet
1899236 Datasheet PDF - PHOENIX CONTACT

Part # 1899236
Download  1899236 Click to download

File Size   564.18 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTBVA 2,5/12-G-5,08 - Feed-through header

1899236 Datasheet (HTML) - PHOENIX CONTACT


1899236 Product details

Feed-through header, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 12,
number of rows: 1, number of positions: 12, number of connections: 12, product range: DFKMSTBVA
2,5/..-G, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder
pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard

Your advantages
• Cable connection on the inside of the device enables flexible positioning of the panel feed-through
• Free choice – permanent solder connection or standardized slip-on connection
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1899236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1899207 PHOENIX-1899207 Datasheet
155Kb / 7P
MVSTBW 2,5/ 9-ST-5,08
1899210 PHOENIX-1899210 Datasheet
666Kb / 20P
Feed-through header - DFK-MSTBVA 2,5/10-G-5,08
Jan 10, 2023
1899223 PHOENIX-1899223 Datasheet
155Kb / 7P
MVSTBW 2,5/11-ST-5,08
1899249 PHOENIX-1899249 Datasheet
136Kb / 9P
Printed-circuit board connector - DFK-MSTBVA 2,5/13-G-5,08
09/12/2020
1899252 PHOENIX-1899252 Datasheet
139Kb / 9P
Printed-circuit board connector - DFK-MSTBVA 2,5/14-G-5,08
09/12/2020
More results


Similar Description - 1899236

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707976 PHOENIX-0707976 Datasheet
64Kb / 4P
Feed-through header - DFK-MSTB 2,5/12-G-5,08 WW(1X1)
1899171 PHOENIX-1899171 Datasheet
156Kb / 6P
DFK-MSTBVA 2,5/ 6-G-5,08
1755833 PHOENIX-1755833 Datasheet
152Kb / 6P
MSTBVA 2,5/12-G-5,08
1924347 PHOENIX-1924347 Datasheet
159Kb / 8P
Feed-through header - MSTBVA 2,5 HC/ 6-G-5,08
1924363 PHOENIX-1924363 Datasheet
155Kb / 8P
Feed-through header - MSTBVA 2,5 HC/ 8-G-5,08
1924389 PHOENIX-1924389 Datasheet
139Kb / 9P
Feed-through header - MSTBVA 2,5 HC/10-G-5,08
1924350 PHOENIX-1924350 Datasheet
137Kb / 9P
Feed-through header - MSTBVA 2,5 HC/ 7-G-5,08
09/12/2020
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
1899210 PHOENIX-1899210 Datasheet
666Kb / 20P
Feed-through header - DFK-MSTBVA 2,5/10-G-5,08
Jan 10, 2023
1898965 PHOENIX-1898965 Datasheet
607Kb / 20P
DFK-MSTBA 2,5/15-G-5,08 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com