Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDH20P Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TDH20P Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TDH20P
Download  TDH20P Download
File Size   414.94 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TDH20P Datasheet (PDF)

Go To PDF Page Download Datasheet
TDH20P Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TDH20P
Download  TDH20P Click to download

File Size   414.94 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Operational temperature range 5°C~45°C

TDH20P Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TDH20P Product details

General Features
Max. available buttons 5
Color Case: Black; Side cover: Black
Options Anti-pulling tube, Charging function
Display 3-digit display shows the height of the desk
Operational temperature range +5°C~+45°C
2 Memory positions
With 1 or 2 USB charging ports and safety lock button
Especially designed for height-adjustable desks
Mounted to the desk front side




Similar Part No. - TDH20P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
TDH2 RADIOMETRIX-TDH2 Datasheet
588Kb / 11P
UHF Multi Channel Hi Power Radio Modem
logo
TiMOTION Technology Co....
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
logo
Radiometrix Ltd
TDH2-433-4 RADIOMETRIX-TDH2-433-4 Datasheet
350Kb / 11P
UHF Multi Channel Hi Power Radio Modem
TDH2-433-4 RADIOMETRIX-TDH2-433-4 Datasheet
588Kb / 11P
UHF Multi Channel Hi Power Radio Modem
More results


Similar Description - TDH20P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC7 TIMOTION-TC7 Datasheet
317Kb / 3P
Operational temperature range 5°C~45°C
20220627-G
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
TDH5 TIMOTION-TDH5 Datasheet
285Kb / 3P
Operational temperature range 5°C~45°C
20230215-E
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com