Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP1100CT Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP1100CT Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP1100CT
Download  CMCP1100CT Download
File Size   578.33 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Low-Cost Accelerometer with Temperature Output

CMCP1100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP1100CT Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP1100CT
Download  CMCP1100CT Click to download

File Size   578.33 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Low-Cost Accelerometer with Temperature Output

CMCP1100CT Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP1100CT Product details

Features
• Compact Accelerometer, Top Exit
• 100 mV/g ±10%
• 10 mV/°C Temperature Output
• 0.32 Hz to 10 kHz Frequency Response
• 3 Pin M8 Connector
• Waterproof, Epoxy Encapsulated
• UV and Oil Resistant
• Stainless Steel Case




Similar Part No. - CMCP1100CT

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
Low-Cost Compact Accelerometer with M8 Connector
More results


Similar Description - CMCP1100CT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL190 AD-ADXL190 Datasheet
98Kb / 5P
Low Cost -100 gSingle Axis Accelerometer with Analog Output
REV.0
ADXL202E AD-ADXL202E Datasheet
154Kb / 12P
Low-Cost -2 g Dual-Axis Accelerometer with Duty Cycle Output
REV.A
logo
List of Unclassifed Man...
3022-005-P ETC2-3022-005-P Datasheet
154Kb / 4P
PC Board Mountable Accelerometer Millivolt Output Low Cost
logo
Analog Devices
ADXL202E AD-ADXL202E_15 Datasheet
147Kb / 12P
Low-Cost 2 g Dual-Axis Accelerometer with Duty Cycle Output
REV. A
logo
STI Vibration Monitorin...
CMCP760TT STI-CMCP760TT Datasheet
541Kb / 2P
Triaxial Accelerometer with Temperature Output
January 2023
CMCP1100HT STI-CMCP1100HT Datasheet
618Kb / 2P
Low-Cost Accelerometer with High Temperature Cable
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
Low-Cost Compact Accelerometer with Integral Cable
CMCP1100ST STI-CMCP1100ST Datasheet
584Kb / 2P
Low-Cost Accelerometer with Temperature Output, Integral Cable
CMCP1100T STI-CMCP1100T Datasheet
587Kb / 2P
Low-Cost Accelerometer with Temperature Output, Integral Cable
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com