Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMCP793V Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP793V Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP793V
Download  CMCP793V Download
File Size   352.5 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Velocity Sensor, Top Entry 2 Pin MS Connector

CMCP793V Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP793V Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP793V
Download  CMCP793V Click to download

File Size   352.5 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Velocity Sensor, Top Entry 2 Pin MS Connector

CMCP793V Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP793V Product details

Features:
 Top Exit Velocity Sensor
 100 or 500 mV/In/Sec ±10% (4mV or 20mV/mm/s)
 140°C Max Temperature Range
 2 Pin MS 5015 Connector
 Class 1 Division 2 Approved
 Class 1 Division 1 Approved with IS Barrier or Isolator
 ¼”-28 UNF and M8x1.25 Mounting Studs Included
 Sealed to IP68




Similar Part No. - CMCP793V

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP797V STI-CMCP797V Datasheet
364Kb / 2P
Velocity Sensor, Side Entry 2 Pin MS 5015
More results


Similar Description - CMCP793V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
STI Vibration Monitorin...
CMCP782A STI-CMCP782A Datasheet
496Kb / 2P
Economical Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP783A STI-CMCP783A Datasheet
489Kb / 2P
Economical Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785A-LF STI-CMCP785A-LF Datasheet
523Kb / 2P
Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A-LF STI-CMCP786A-LF Datasheet
506Kb / 2P
Low Frequency Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A STI-CMCP786A Datasheet
503Kb / 2P
General Purpose Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786T STI-CMCP786T Datasheet
507Kb / 2P
Dual Output Top Entry Accelerometer with Temperature 3 Pin MS 5015
January 2023
CMCP787A STI-CMCP787A Datasheet
572Kb / 2P
Premium Side Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP788A STI-CMCP788A Datasheet
507Kb / 2P
Premium Top Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP797V STI-CMCP797V Datasheet
364Kb / 2P
Velocity Sensor, Side Entry 2 Pin MS 5015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com