Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ2002D Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2002D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2002D
Download  TZ2002D Download
File Size   205.34 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 32.0MHz

TZ2002D Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2002D Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2002D
Download  TZ2002D Click to download

File Size   205.34 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 32.0MHz

TZ2002D Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2002D Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
Moisture Sensitivity Level (MSL) : Level-1

Description and Applications:
Surface mount 2.0mmx1.6mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ2002D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2002A TAI-SAW-TZ2002A Datasheet
191Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2002B TAI-SAW-TZ2002B Datasheet
134Kb / 7P
Crystal Unit SMD 2.0x1.6 32MHz
REV. NO.: 4.0
TZ2002E TAI-SAW-TZ2002E Datasheet
122Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
More results


Similar Description - TZ2002D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0467A TAI-SAW-TZ0467A Datasheet
217Kb / 5P
SMD 5.0x3.2 32.0MHz Crystal Unit
REV. NO.: 1
TZ1615B TAI-SAW-TZ1615B Datasheet
169Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 4.0
TZ1615C TAI-SAW-TZ1615C Datasheet
135Kb / 7P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 3.0
TZ1615D TAI-SAW-TZ1615D Datasheet
215Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ1615E TAI-SAW-TZ1615E Datasheet
191Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2002A TAI-SAW-TZ2002A Datasheet
191Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2002E TAI-SAW-TZ2002E Datasheet
122Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2155D TAI-SAW-TZ2155D Datasheet
175Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2447A TAI-SAW-TZ2447A Datasheet
128Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2637A TAI-SAW-TZ2637A Datasheet
165Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com