Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN7220 Datasheet (PDF) - NXP Semiconductors

PN7220 Datasheet PDF - NXP Semiconductors
Part # PN7220
Download  PN7220 Download
File Size   1563.28 Kbytes
Page   185 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC controller with NCI interface supporting EMV and NFC Forum applications

PN7220 Datasheet (PDF)

Go To PDF Page Download Datasheet
PN7220 Datasheet PDF - NXP Semiconductors

Part # PN7220
Download  PN7220 Click to download

File Size   1563.28 Kbytes
Page   185 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NFC controller with NCI interface supporting EMV and NFC Forum applications

PN7220 Datasheet (HTML) - NXP Semiconductors


PN7220 Product details

1 General description
This document describes the functionality and electrical specification of the PN7220 high-power NFC controller
family with NCI interface.
As an NCI 2.2 compliant NFC controller with high RF output (2 W) and high receiver sensitivity, the NXP
PN7220 is a robust solution for payment terminals and all readers that must generate a strong RF field in a
difficult environment. Offering full compliance with EMVCo 3.1 L1 analog and digital, the PN7220 simplifies
designs while ensuring interoperability with a broad range of smartcards and mobile phones.
In addition to the reader/writer functionality, the device supports the emulation of ISO14443-A cards up to 848
kbit/s.
The PN7221 is based on the PN7220 and supports all features of PN7220 plus "Enhanced Contactless
Polling" (ECP) by Apple (see Ref. [12]) - this description is not part of this document. Note, that the ECP feature
is available after formal authorization only.
The PN7220 communicates to a connected host by a physical I2C interface using the NCI 2.2 protocol.
The PN7221 communicates to a connected host by a physical I2C interface using the NCI 2.2 protocol and supports Apple ECP.

2 Features and benefits
2.1 RF functionality
2.1.1 ISO/IEC14443-A
• Reader/writer mode supporting ISO/IEC 14443-A R/W up to 848 kbit/s
2.1.2 ISO/IEC 14443-B
• Reader/writer mode supporting ISO/IEC 14443-B up to 848 kbit/s
2.1.3 FeliCa
• Reader/writer mode supporting FeliCa 212 kbit/s and 424 kbit/s (without crypto)
2.1.4 Tag type reading
• Supports reading of all NFC tag types ( type 2, type 3, type 4A and type 4B, type 5 )
2.1.5 MIFARE card reading
• Reader/writer communication mode for the MIFARE card family including MIFARE Classic
Crypto supporting MIFARE Classic en-/decryption is integrated in hardware
2.1.6 ISO/IEC 15693
• Reader/writer mode supporting ISO/IEC 15693 (ICODE)
– RX: "Manchester" encoding with 424 kHz single-subcarrier (SSC) and 6.6 kBd
– RX: "Manchester" encoding with 424 kHz single-subcarrier (SSC) and 26 kBd
– RX: "Manchester" encoding with 424 kHz single-subcarrier (SSC) and 53 kBd
– TX: "1 of 4" encoding with 10 % modulation (53 kBd)
– TX: "1 of 4" encoding with 100 % modulation (53 kBd).
2.1.7 NFC Forum compliancy
• NFC Forum compliance for R/W – analog and digital
2.1.8 EMVCo compliancy
• EMVCo 3.1 compliance for R/W – digital
• EMVCo 3.1 compliance for R/W analog can be achieved, but depends on connected antenna geometry and
size, matching network and RF settings.
2.1.9 Host interface
The devices PN7220 and PN7221 support one host interface using a single interface connection based on a I2C
interface host interface (host interface 1) with data rates up to 3.4 Mbit/s.
The logical interface layer of the host interfaces is based on the NCI 2.0 interface specification, enhanced by
NXP proprietary commands.
The devices PN7222 and PN7223 support two host interfaces using one interface connection based on a I2C
interface (host interface 2) and one SPI interface (host interface 1).
2.2 Transmitter
• Transmitter with high RF output power of 2.0 W
• Dynamic power control 2.0 (DPC) (dynamic power control without processing load on host MCU)
• Adaptive waveshaping control (AWC)
2.3 Receiver
• Robust receiver: Automatic configuration, advanced insensitivity against TFT display noise for higher RF
performance
2.4 Integrated polling loop
• RF polling loop according to NFC Forum
• RF Polling loop according to EMVCo 3.1, integrated EMVCo L1 software stack
• Integrated EMVCo L1 contact stack
2.5 Integrated DC-DC
The PN7220 implements an integrated DC-DC which can be used to supply the transmitter. Since the supply
voltage of the transmitter LDO can be up to 6.0 Volts, this simplifies the design of the power supply.
A single supply concept for the RF system, for example, with single 3.3 V supply, is possible and allows making
use of the maximum RF output power by providing a maximum transmitter supply voltage.
The integrated DC-DC is used by the dynamic power control (DPC) to reduce the maximum power dissipation
of the chip.
The usage of the DC-DC is optional.
For applications making use of the low-power card detection, the DC-DC is available.
2.6 RF debugging support
• RF debugging without external probing of test signals possible by sampling debug data into chip-internal
memory based on pre-define trigger conditions – ideal debugging solution for PCI-compliant POS terminals
• One digital and one analog debug signal is provided by the chip for connection of an oscilloscope

3 Applications
• Payment terminals following the COTS security requirements with full EMVCo3.1 analog and digital
compliancy
• Multi-Application terminals
• Ticket validators for the controlling staff in public transport
• E-Vehicle charging stations
• Vending machines




Similar Part No. - PN7220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220 Datasheet
1Mb / 186P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.2 - 24 November 2023
PN7220 NXP-PN7220 Datasheet
1Mb / 201P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.3 - 16 April 2024
PN7220EV/C1 NXP-PN7220EV/C1 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220EV/C100K NXP-PN7220EV/C100K Datasheet
1Mb / 186P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.2 - 24 November 2023
More results


Similar Description - PN7220

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7150B0HN NXP-PN7150B0HN Datasheet
2Mb / 55P
High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
logo
STMicroelectronics
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com