Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1628837 Datasheet (PDF) - PHOENIX CONTACT

1628837 Datasheet PDF - PHOENIX CONTACT
Part # 1628837
Download  1628837 Download
File Size   573.69 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-7ES198A9L25S - Coupler connector

1628837 Datasheet (PDF)

Go To PDF Page Download Datasheet
1628837 Datasheet PDF - PHOENIX CONTACT

Part # 1628837
Download  1628837 Click to download

File Size   573.69 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-7ES198A9L25S - Coupler connector

1628837 Datasheet (HTML) - PHOENIX CONTACT


1628837 Product details

M23, Coupler connector, series: M23 PRO, straight, shielded: yes, for standard and ONECLICK
fast locking system, No. of pos.: 4+3+PE, contact connection type: Socket, Crimp connection,
cable diameter range: 14 mm ... 17 mm, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• Modern, consistent design for highly convenient operation
• Easy, cost-effective cable assembly: uniform shielding of M17 to M40




Similar Part No. - 1628837

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628831 PHOENIX-1628831 Datasheet
675Kb / 15P
M23-7ES198AW600S - Device connector front mounting
1628832 PHOENIX-1628832 Datasheet
650Kb / 13P
M23-5ES198AW600S - Device connector front mounting
1628833 PHOENIX-1628833 Datasheet
677Kb / 16P
M23-7ES198AW500S - Device connector front mounting
1628834 PHOENIX-1628834 Datasheet
654Kb / 14P
M23-5ES198AW500S - Device connector front mounting
1628835 PHOENIX-1628835 Datasheet
548Kb / 14P
M23-7ES198A9LDLS - Coupler connector
More results


Similar Description - 1628837

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628779 PHOENIX-1628779 Datasheet
573Kb / 14P
M23-7EP198A9LDLS - Coupler connector
1628785 PHOENIX-1628785 Datasheet
537Kb / 12P
M23-5EP198A9LDLS - Coupler connector
1628789 PHOENIX-1628789 Datasheet
537Kb / 12P
M23-5EP198A9L23S - Coupler connector
1628838 PHOENIX-1628838 Datasheet
573Kb / 14P
M23-7ES198A9L24S - Coupler connector
1629105 PHOENIX-1629105 Datasheet
726Kb / 17P
M23-17P1N8A9004S - Coupler connector
1629112 PHOENIX-1629112 Datasheet
695Kb / 17P
M23-12P1N8A90DUS - Coupler connector
1629118 PHOENIX-1629118 Datasheet
710Kb / 17P
M23-12S1N8A9003S - Coupler connector
1629140 PHOENIX-1629140 Datasheet
602Kb / 15P
M23-06P1N8A90DUS - Coupler connector
1329283 PHOENIX-1329283 Datasheet
709Kb / 17P
M23-12P2N8A9003S - Coupler connector
1629117 PHOENIX-1629117 Datasheet
713Kb / 18P
M23-12S1N8A9004S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com