Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1868746 Datasheet (PDF) - PHOENIX CONTACT

1868746 Datasheet PDF - PHOENIX CONTACT
Part # 1868746
Download  1868746 Download
File Size   364.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1,5/ 3-B-5,08 - PCB terminal block

1868746 Datasheet (PDF)

Go To PDF Page Download Datasheet
1868746 Datasheet PDF - PHOENIX CONTACT

Part # 1868746
Download  1868746 Click to download

File Size   364.44 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 1,5/ 3-B-5,08 - PCB terminal block

1868746 Datasheet (HTML) - PHOENIX CONTACT


1868746 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: MKDS 1,5/..-B, pitch: 5.08 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection
direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder
pins per potential: 1, type of packaging: packed in cardboard. Connections internally jumpered

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Internal bridging for easily looping through potentials
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1868746

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1868717 PHOENIX-1868717 Datasheet
130Kb / 5P
MK3DS 1,5/ 2-5,08-A-GNYE
1868720 PHOENIX-1868720 Datasheet
80Kb / 5P
PCB terminal block - MK3DS 1,5/ 3-5,08-A-GNYE
1868733 PHOENIX-1868733 Datasheet
79Kb / 5P
PCB terminal block - MKDS 1.5/ 2-B-5.08
1868762 PHOENIX-1868762 Datasheet
71Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BK
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
More results


Similar Description - 1868746

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715734 PHOENIX-1715734 Datasheet
90Kb / 6P
PCB terminal block - MKDS 1,5/ 3-5,08 - 1715734
1706361 PHOENIX-1706361 Datasheet
132Kb / 6P
PCB terminal block - MKDS 1,5/ 3-B-5,08 GNYE
1706442 PHOENIX-1706442 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 BU
1707865 PHOENIX-1707865 Datasheet
79Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BU
1707881 PHOENIX-1707881 Datasheet
57Kb / 4P
PCB terminal block - MKDS 1,5/ 3-5,08 ANGEZ.SCHR.
1707917 PHOENIX-1707917 Datasheet
110Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08
1715336 PHOENIX-1715336 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 3-5,08 (13)
1715792 PHOENIX-1715792 Datasheet
65Kb / 5P
PCB terminal block - MKDS 1,5/ 3-5,08 BU
1868762 PHOENIX-1868762 Datasheet
71Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BK
1706358 PHOENIX-1706358 Datasheet
359Kb / 10P
PCB terminal block - MKDS 1,5/ 2-B-5,08 GNYE
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com