Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCAP04 Datasheet (PDF) - Sciosense B.V.

PCAP04 Datasheet PDF - Sciosense B.V.
Part # PCAP04
Download  PCAP04 Download
File Size   1317.07 Kbytes
Page   3 Pages
Manufacturer  SCIOSENSE [Sciosense B.V.]
Direct Link  https://www.sciosense.com/
Logo SCIOSENSE - Sciosense B.V.
Description PCAP04 – Analog Frontend for Capacitive Sensor Elements

PCAP04 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCAP04 Datasheet PDF - Sciosense B.V.

Part # PCAP04
Download  PCAP04 Click to download

File Size   1317.07 Kbytes
Page   3 Pages
Manufacturer  SCIOSENSE [Sciosense B.V.]
Direct Link  https://www.sciosense.com/
Logo SCIOSENSE - Sciosense B.V.
Description PCAP04 – Analog Frontend for Capacitive Sensor Elements

PCAP04 Datasheet (HTML) - Sciosense B.V.


PCAP04 Product details

Applications
- Humidity sensors
- Dew-point sensor
- Pressure sensors
- MEMS
- Inertial and motion sensors
- Fill level sensors
- Proximity switches and sensors
- Free-fall sensors
- Bio-medical sensors (disposable senors)

Features
- Up to six capacitors in grounded mode
- Up to three capacitors in floating mode
- Internal reference 1 to 31 pF
- Integrated guarding opamp
- Up to 8 aF at 2.5 Hz and 10 pF base capacitance
- Up to 50 kHz sample rate
- 32-bit DSP
- SPI / IIC interface
- PDM / PWM outputs, GPIO
- Supply voltage 2.1/3.0 to 3.6 V (integrated 1.8 V regulator)
- QFN-24, WLCSP or dice




Similar Part No. - PCAP04

ManufacturerPart #DatasheetDescription
logo
Sciosense B.V.
PCAP01 SCIOSENSE-PCAP01 Datasheet
2Mb / 96P
Single-chip Solution for Capacitance Measurement with Standard Firmware 03.01.02
July 15th , 2013
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
ICs for Capacitive Sensing Applications
More results


Similar Description - PCAP04

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
logo
ams AG
AS7050 AMSCO-AS7050 Datasheet
1,016Kb / 19P
Analog Frontend for Vital Sign Monitoring
v1-00 2022-Mar-31
logo
Sciosense B.V.
TDC-GP30 SCIOSENSE-TDC-GP30 Datasheet
2Mb / 2P
Intelligent Analog Frontend for Ultrasonic Flow Metering
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com