Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IEM-RS Datasheet (PDF) - Leadshine Technology Co., Ltd.

IEM-RS Datasheet PDF - Leadshine Technology Co., Ltd.
Part # IEM-RS
Download  IEM-RS Download
File Size   640.62 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description iEM-RS SERIES INTEGRATED STEPPER MOTOR

IEM-RS Datasheet (PDF)

Go To PDF Page Download Datasheet
IEM-RS Datasheet PDF - Leadshine Technology Co., Ltd.

Part # IEM-RS
Download  IEM-RS Click to download

File Size   640.62 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description iEM-RS SERIES INTEGRATED STEPPER MOTOR

IEM-RS Datasheet (HTML) - Leadshine Technology Co., Ltd.


IEM-RS Product details

Feature
Low noise and vibration, smooth motion
Support Modbus RTU protocol, Internal 16 segment position Commands
Motion can be started by External IO or RS485 or HMI
Support operatio n modes: Profile Position, Profile Velocity, Homing
7 configurable digital inputs, 3 optically isolated digital outputs
iEM RS17xx: 20 36VDC supply voltage, max output current 3.0 A peak
iEM RS23xx: 20 50VDC supply voltage, max output current 7.0A peak
R S232 port for tuning software connection, RS485 port for motion control
Protections for over voltage, over current , etc.




Similar Part No. - IEM-RS

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
IEM LEADSHINE-IEM Datasheet
689Kb / 6P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
More results


Similar Description - IEM-RS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
STEPPER MOTOR
17HS19-0406S STEPPERONLINE-17HS19-0406S Datasheet
130Kb / 1P
STEPPER MOTOR
17HS24-0644S STEPPERONLINE-17HS24-0644S Datasheet
139Kb / 1P
STEPPER MOTOR
logo
List of Unclassifed Man...
NEMA17 ETC-NEMA17 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
logo
Leadshine Technology Co...
ICS-RS LEADSHINE-ICS-RS Datasheet
601Kb / 7P
iCS-RS Series Integrated Steppwe Motor
ICS LEADSHINE-ICS Datasheet
683Kb / 7P
iCS Series Integrated Stepper Motor
IEM LEADSHINE-IEM Datasheet
689Kb / 6P
iEM-RS SERIES INTEGRATED STEPPER MOTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com