Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3083M Datasheet (PDF) - ON Semiconductor

MOC3083M Datasheet PDF - ON Semiconductor
Part # MOC3083M
Download  MOC3083M Download
File Size   343.62 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)

MOC3083M Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3083M Datasheet PDF - ON Semiconductor

Part # MOC3083M
Download  MOC3083M Click to download

File Size   343.62 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)

MOC3083M Datasheet (HTML) - ON Semiconductor


MOC3083M Product details

Description
The MOC3081M, MOC3082M and MOC3083M devices consist of
a GaAs infrared emitting diode optically coupled to a monolithic
silicon detector performing the function of a zero voltage crossing
bilateral triac driver.
They are designed for use with a discrete power triac in the interface
of logic systems to equipment powered from 240 VAC lines, such as
solid−state relays, industrial controls, motors, solenoids and consumer
appliances, etc.
Features
• Simplifies Logic Control of 240 VAC Power
• Zero Voltage Crossing to Minimize Conducted and Radiated Line
Noise
• 800 V Peak Blocking Voltage
• Superior Static dv/dt
♦ 1500 V/s Typical, 600 V/s Guaranteed
• Safety and Regulatory Approvals
♦ UL1577, 4,170 VACRMS for 1 Minute
♦ DIN EN/IEC60747−5−5
• These are Pb−Free Devices
Applications
• Solenoid/Valve Controls
• Lighting Controls
• Static Power Switches
• AC Motor Starters
• Temperature Controls
• E.M. Contactors
• AC Motor Drives
• Solid State Relays




Similar Part No. - MOC3083M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3083M FAIRCHILD-MOC3083M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3083M FAIRCHILD-MOC3083M Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3083M FAIRCHILD-MOC3083M Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
Shenzhen Tenand Technol...
MOC3083M TENAND-MOC3083M Datasheet
199Kb / 8P
Property of Lite-on Only
logo
ON Semiconductor
MOC3083M ONSEMI-MOC3083M Datasheet
320Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
More results


Similar Description - MOC3083M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3071M ONSEMI-MOC3071M_V02 Datasheet
367Kb / 13P
6-Pin DIP Random-Phase Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 3
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com