Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1433101 Datasheet (PDF) - PHOENIX CONTACT

1433101 Datasheet PDF - PHOENIX CONTACT
Part # 1433101
Download  1433101 Download
File Size   513.62 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 4/ 5-STL3-SH-6,35 - PCB connector

1433101 Datasheet (PDF)

Go To PDF Page Download Datasheet
1433101 Datasheet PDF - PHOENIX CONTACT

Part # 1433101
Download  1433101 Click to download

File Size   513.62 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPC 4/ 5-STL3-SH-6,35 - PCB connector

1433101 Datasheet (HTML) - PHOENIX CONTACT


1433101 Product details

PCB connector, nominal cross section: 4 mm2, color: black, nominal current: 24 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 5, product range: SPC 4/..-STL-SH, pitch: 6.35 mm, connection method: Push-in
spring connection, conductor/PCB connection direction: 0 °, locking clip: - without locking clip,
plug-in system: COMBICON PC 4, locking: Snap-in locking, mounting: Self-locking flange, type
of packaging: packed in cardboard

Your advantages
• Intuitive locking mechanism prevents accidental disconnection
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Optimized for tight installation situations: operation and conductor connection from one direction
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1433101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1433102 PHOENIX-1433102 Datasheet
510Kb / 13P
SPC 4/ 6-STL3-SH-6,35 - PCB connector
More results


Similar Description - 1433101

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1232902 PHOENIX-1232902 Datasheet
629Kb / 15P
SPC 4/ 4-ST-6,35 - PCB connector
1232903 PHOENIX-1232903 Datasheet
629Kb / 15P
SPC 4/ 5-ST-6,35 - PCB connector
1233109 PHOENIX-1233109 Datasheet
527Kb / 13P
SPC 4/ 4-STL2-6,35 - PCB connector
1233110 PHOENIX-1233110 Datasheet
528Kb / 13P
SPC 4/ 5-STL3-6,35 - PCB connector
1233111 PHOENIX-1233111 Datasheet
526Kb / 13P
SPC 4/ 6-STL3-6,35 - PCB connector
1233121 PHOENIX-1233121 Datasheet
528Kb / 13P
SPC 4/ 4-STTL-6,35 - PCB connector
1233122 PHOENIX-1233122 Datasheet
528Kb / 13P
SPC 4/ 5-STTL-6,35 - PCB connector
1433098 PHOENIX-1433098 Datasheet
510Kb / 13P
SPC 4/ 3-STL2-SH-6,35 - PCB connector
1433099 PHOENIX-1433099 Datasheet
511Kb / 13P
SPC 4/ 4-STL2-SH-6,35 - PCB connector
1433102 PHOENIX-1433102 Datasheet
510Kb / 13P
SPC 4/ 6-STL3-SH-6,35 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com