Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1464105 Datasheet (PDF) - PHOENIX CONTACT

1464105 Datasheet PDF - PHOENIX CONTACT
Part # 1464105
Download  1464105 Download
File Size   686.11 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XPC 1,5/ 3-ST-3,5 BK - PCB connector

1464105 Datasheet (PDF)

Go To PDF Page Download Datasheet
1464105 Datasheet PDF - PHOENIX CONTACT

Part # 1464105
Download  1464105 Click to download

File Size   686.11 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description XPC 1,5/ 3-ST-3,5 BK - PCB connector

1464105 Datasheet (HTML) - PHOENIX CONTACT


1464105 Product details

PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 3, product range: XPC 1,5/..-ST, pitch: 3.5 mm, connection method: Push-Xconnection,
conductor/PCB connection direction: 0 °, locking clip: - without locking clip, plug-in
system: COMBICON MC 1,5, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Highly convenient operation thanks to direct, effortless, and tool-free conductor connection
• Quick connection of all conductor types with and even without ferrules
• Reliable wiring thanks to acoustic and visual feedback
• Quick conductor release by simply pressing the orange release button
• Plug-in compatibility with existing headers of the COMBICON portfolio
• Quick and convenient testing using integrated test option




Similar Part No. - 1464105

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1464100000 WEIDMULLER-1464100000 Datasheet
596Kb / 8P
BLF 5.08HC/03/180 SN BK BX PRT
logo
PHOENIX CONTACT
1464104 PHOENIX-1464104 Datasheet
681Kb / 17P
XPC 1,5/ 2-ST-3,5 BK - PCB connector
1464107 PHOENIX-1464107 Datasheet
689Kb / 17P
XPC 1,5/ 4-ST-3,5 BK - PCB connector
1464108 PHOENIX-1464108 Datasheet
700Kb / 17P
XPC 1,5/ 5-ST-3,5 BK - PCB connector
1464109 PHOENIX-1464109 Datasheet
687Kb / 17P
XPC 1,5/ 6-ST-3,5 BK - PCB connector
More results


Similar Description - 1464105

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708329 PHOENIX-1708329 Datasheet
62Kb / 2P
DFMC 1,5/ 3-ST-3,5 BK
1464104 PHOENIX-1464104 Datasheet
681Kb / 17P
XPC 1,5/ 2-ST-3,5 BK - PCB connector
1464107 PHOENIX-1464107 Datasheet
689Kb / 17P
XPC 1,5/ 4-ST-3,5 BK - PCB connector
1464108 PHOENIX-1464108 Datasheet
700Kb / 17P
XPC 1,5/ 5-ST-3,5 BK - PCB connector
1464109 PHOENIX-1464109 Datasheet
687Kb / 17P
XPC 1,5/ 6-ST-3,5 BK - PCB connector
1464110 PHOENIX-1464110 Datasheet
696Kb / 17P
XPC 1,5/ 7-ST-3,5 BK - PCB connector
1464111 PHOENIX-1464111 Datasheet
685Kb / 17P
XPC 1,5/ 8-ST-3,5 BK - PCB connector
1464112 PHOENIX-1464112 Datasheet
695Kb / 17P
XPC 1,5/ 9-ST-3,5 BK - PCB connector
1464114 PHOENIX-1464114 Datasheet
718Kb / 18P
XPC 1,5/10-ST-3,5 BK - PCB connector
1464116 PHOENIX-1464116 Datasheet
706Kb / 18P
XPC 1,5/12-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com