Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1476911 Datasheet (PDF) - PHOENIX CONTACT

1476911 Datasheet PDF - PHOENIX CONTACT
Part # 1476911
Download  1476911 Download
File Size   3773.33 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable

1476911 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476911 Datasheet PDF - PHOENIX CONTACT

Part # 1476911
Download  1476911 Click to download

File Size   3773.33 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable

1476911 Datasheet (HTML) - PHOENIX CONTACT


1476911 Product details

Sensor/actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), Plug straight M12 Push Pull, coding: A, connected with unwired, on
Socket straight M12 Push Pull, coding: A, cable length: 0.6 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476911

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476910 PHOENIX-1476910 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
logo
Weidmuller
1476910000 WEIDMULLER-1476910000 Datasheet
714Kb / 3P
CH20M45 S 2PSC/2PSC BL 2013
logo
PHOENIX CONTACT
1476912 PHOENIX-1476912 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
More results


Similar Description - 1476911

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476832 PHOENIX-1476832 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
1476903 PHOENIX-1476903 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476908 PHOENIX-1476908 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FR SH - Sensor/actuator cable
1476831 PHOENIX-1476831 Datasheet
2Mb / 9P
SAC-3P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
1476892 PHOENIX-1476892 Datasheet
2Mb / 8P
SAC-5P- 3,0-PUR/P12FS SH - Sensor/actuator cable
1476877 PHOENIX-1476877 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
1476878 PHOENIX-1476878 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
1476893 PHOENIX-1476893 Datasheet
2Mb / 8P
SAC-5P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476912 PHOENIX-1476912 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
1224249 PHOENIX-1224249 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com