Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1926057 Datasheet (PDF) - PHOENIX CONTACT

1926057 Datasheet PDF - PHOENIX CONTACT
Part # 1926057
Download  1926057 Download
File Size   243.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 6-G-5,08-RN - PCB header

1926057 Datasheet (PDF)

Go To PDF Page Download Datasheet
1926057 Datasheet PDF - PHOENIX CONTACT

Part # 1926057
Download  1926057 Click to download

File Size   243.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBA 2,5/ 6-G-5,08-RN - PCB header

1926057 Datasheet (HTML) - PHOENIX CONTACT


1926057 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 6, number of rows:
1, number of positions: 6, number of connections: 6, product range: MSTBA 2,5/..-G-RN, pitch: 5.
08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of
solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of packaging:
packed in cardboard, Article with engagement nose

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Closed contour for optimum stability of the plug-in connection
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1926057

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192605 FESTO-192605 Datasheet
83Kb / 1P
Filter regulator
More results


Similar Description - 1926057

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1926028 PHOENIX-1926028 Datasheet
64Kb / 4P
Base strip - MSTBA 2,5/ 3-G-5,08-RN
1944822 PHOENIX-1944822 Datasheet
57Kb / 3P
Base strip - MSTBA 2,5/ 6-G-RN
1926044 PHOENIX-1926044 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/ 5-G-5,08-RN
09/12/2020
1926099 PHOENIX-1926099 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/10-G-5,08-RN
09/12/2020
1926170 PHOENIX-1926170 Datasheet
130Kb / 8P
Feed-through header - MSTBA 2,5/18-G-5,08-RN
09/12/2020
1936018 PHOENIX-1936018 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 2-G-5,08-RN
Jan 5, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936092 PHOENIX-1936092 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/10-G-5,08-RN
Jan 4, 2023
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
1926073 PHOENIX-1926073 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 8-G-5,08-RN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com