Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4140S Datasheet (PDF) - NXP Semiconductors

PBSS4140S Datasheet PDF - NXP Semiconductors
Part # PBSS4140S
Download  PBSS4140S Download
File Size   60.43 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40 V low VCEsat NPN transistor

PBSS4140S Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4140S Datasheet PDF - NXP Semiconductors

Part # PBSS4140S
Download  PBSS4140S Click to download

File Size   60.43 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40 V low VCEsat NPN transistor

PBSS4140S Datasheet (HTML) - NXP Semiconductors


PBSS4140S Product details

DESCRIPTION
NPN low VCEsat transistor in a SOT54 plastic package.
PNP complement: PBSS5140S.

FEATURES
• High power dissipation (830 mW)
• Ultra low collector-emitter saturation voltage
• 1 A continuous current
• High current switching
• Improved device reliability due to reduced heat generation.

APPLICATIONS
• Medium power switching and muting
• Linear regulators
• DC/DC converter
• LCD back-lighting
• Supply line switching circuits
• Battery driven equipment (mobile phones, video cameras and hand-held devices).




Similar Part No. - PBSS4140S

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
PBSS4140S FOSHAN-PBSS4140S Datasheet
781Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Pan Jit International I...
PBSS4140SH PANJIT-PBSS4140SH Datasheet
528Kb / 6P
NPN Low VCE(SAT) Transistor
August 3,2020 PBSS4140SH-REV.00
PBSS4140SH_R1_00001 PANJIT-PBSS4140SH_R1_00001 Datasheet
528Kb / 6P
NPN Low VCE(SAT) Transistor
August 3,2020 PBSS4140SH-REV.00
PBSS4140SW PANJIT-PBSS4140SW Datasheet
547Kb / 6P
NPN Low VCE(SAT) Transistor
August 3,2020 PBSS4140SW-REV.00
PBSS4140SW_R2_00001 PANJIT-PBSS4140SW_R2_00001 Datasheet
547Kb / 6P
NPN Low VCE(SAT) Transistor
August 3,2020 PBSS4140SW-REV.00
More results


Similar Description - PBSS4140S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140U PHILIPS-PBSS4140U Datasheet
64Kb / 8P
40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4140V PHILIPS-PBSS4140V Datasheet
62Kb / 12P
40 V low VCEsat NPN transistor
2002 Jun 20
PBSS4240Y PHILIPS-PBSS4240Y Datasheet
52Kb / 8P
40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4240V NXP-PBSS4240V Datasheet
344Kb / 9P
40 V low VCEsat NPN transistor
2003 Jan 30
PBSS4540Z NXP-PBSS4540Z Datasheet
153Kb / 9P
40 V low VCEsat NPN transistor
2001 Nov 14
PBSS4540Z PHILIPS-PBSS4540Z_15 Datasheet
153Kb / 9P
40 V low VCEsat NPN transistor
2001 Nov 14
PBSS4140U PHILIPS-PBSS4140U_15 Datasheet
283Kb / 8P
40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4240Y PHILIPS-PBSS4240Y_15 Datasheet
267Kb / 7P
40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4140V NEXPERIA-PBSS4140V Datasheet
522Kb / 10P
40 V low VCEsat NPN transistor
2002 Jun 20
PBSS4540Z NEXPERIA-PBSS4540Z Datasheet
359Kb / 10P
40 V low VCEsat NPN transistor
2001 Nov 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com