Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1224012 Datasheet (PDF) - PHOENIX CONTACT

1224012 Datasheet PDF - PHOENIX CONTACT
Part # 1224012
Download  1224012 Download
File Size   2623.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable

1224012 Datasheet (PDF)

Go To PDF Page Download Datasheet
1224012 Datasheet PDF - PHOENIX CONTACT

Part # 1224012
Download  1224012 Click to download

File Size   2623.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable

1224012 Datasheet (HTML) - PHOENIX CONTACT


1224012 Product details

Sensor/actuator cable, 3-position halogen-free, shielded (Advanced Shielding Technology), Plug
straight M12 Push Pull, coding: A, on Socket straight M12 Push Pull, coding: A, cable length: 1.5m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1224012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
122401 ETC2-122401 Datasheet
1Mb / 24P
TNC COAXIAL CONNECTORS
logo
PHOENIX CONTACT
1224014 PHOENIX-1224014 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224018 PHOENIX-1224018 Datasheet
1Mb / 9P
SAC-3P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224019 PHOENIX-1224019 Datasheet
2Mb / 6P
Sensor/actuator cable - SAC-4P-P12MS/ 1,5-PUR/P12FS
01/13/2022
More results


Similar Description - 1224012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1223960 PHOENIX-1223960 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-3P-P12MS/ 1,5-PUR/P12FS
01/13/2022
1476832 PHOENIX-1476832 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 0,6-PUR/P12FS SH - Sensor/actuator cable
1476550 PHOENIX-1476550 Datasheet
1Mb / 8P
SAC-3P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476831 PHOENIX-1476831 Datasheet
2Mb / 9P
SAC-3P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
1476794 PHOENIX-1476794 Datasheet
1Mb / 8P
SAC-3P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1476834 PHOENIX-1476834 Datasheet
2Mb / 9P
SAC-3P-P12MS/ 0,3-PUR/P12FS SH - Sensor/actuator cable
1224014 PHOENIX-1224014 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224018 PHOENIX-1224018 Datasheet
1Mb / 9P
SAC-3P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224249 PHOENIX-1224249 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com