Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1224252 Datasheet (PDF) - PHOENIX CONTACT

1224252 Datasheet PDF - PHOENIX CONTACT
Part # 1224252
Download  1224252 Download
File Size   2720.89 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable

1224252 Datasheet (PDF)

Go To PDF Page Download Datasheet
1224252 Datasheet PDF - PHOENIX CONTACT

Part # 1224252
Download  1224252 Click to download

File Size   2720.89 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-5P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable

1224252 Datasheet (HTML) - PHOENIX CONTACT


1224252 Product details

Sensor/actuator cable, 5-position halogen-free, shielded, Plug straight M12 Push Pull, coding: A,
on Socket angled M12 Push Pull, coding: A, cable length: 1.5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1224252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
122425 ETC2-122425 Datasheet
1Mb / 24P
TNC COAXIAL CONNECTORS
logo
PHOENIX CONTACT
1224256 PHOENIX-1224256 Datasheet
2Mb / 9P
SAC-5P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results


Similar Description - 1224252

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1224008 PHOENIX-1224008 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-3P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224166 PHOENIX-1224166 Datasheet
1Mb / 5P
Sensor/actuator cable - SAC-4P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1224223 PHOENIX-1224223 Datasheet
2Mb / 5P
Sensor/actuator cable - SAC-5P-P12MS/ 1,5-PUR/P12FR
01/13/2022
1476875 PHOENIX-1476875 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 0,3-PUR/P12FR SH - Sensor/actuator cable
1476903 PHOENIX-1476903 Datasheet
1Mb / 8P
SAC-5P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476908 PHOENIX-1476908 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 0,6-PUR/P12FR SH - Sensor/actuator cable
1476909 PHOENIX-1476909 Datasheet
2Mb / 9P
SAC-5P-P12MS/ 0,3-PUR/P12FR SH - Sensor/actuator cable
1224014 PHOENIX-1224014 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224179 PHOENIX-1224179 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224249 PHOENIX-1224249 Datasheet
3Mb / 9P
SAC-5P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com