Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ2446DA4333 Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2446DA4333 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2446DA4333
Download  TZ2446DA4333 Download
File Size   168.64 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.5x2.0 26.00MHz

TZ2446DA4333 Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2446DA4333 Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2446DA4333
Download  TZ2446DA4333 Click to download

File Size   168.64 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.5x2.0 26.00MHz

TZ2446DA4333 Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2446DA4333 Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
AEC-Q200 compliance
Moisture Sensitivity Level (MSL) : Level-1

Description and Applications:
Surface mount 2.5mmx2.0mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ2446DA4333

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2441C TAI-SAW-TZ2441C Datasheet
131Kb / 8P
Crystal Unit SMD 3.2x2.5 24.00MHz
REV. NO.: 1
TZ2442A TAI-SAW-TZ2442A Datasheet
214Kb / 5P
Cylinder DIP Type 25MHz Crystal Unit
REV. NO.: 1.0
TZ2443A TAI-SAW-TZ2443A Datasheet
241Kb / 5P
HC49US 25MHz Crystal Unit
REV. NO.: 1.0
TZ2445A TAI-SAW-TZ2445A Datasheet
228Kb / 7P
Crystal Unit SMD 2.5x2.0 12.0MHz
REV. NO.: 2
TZ2447A TAI-SAW-TZ2447A Datasheet
128Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
More results


Similar Description - TZ2446DA4333

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0311B TAI-SAW-TZ0311B Datasheet
103Kb / 7P
Crystal Unit SMD 3.2x2.5 26.00MHz
REV. NO.: 9
TZ0670D TAI-SAW-TZ0670D Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 26.00MHz
REV. NO.: 1
TZ0670E TAI-SAW-TZ0670E Datasheet
213Kb / 8P
Crystal Unit SMD 3.2x2.5 26.00MHz
REV. NO.: 1
TZ0733D TAI-SAW-TZ0733D Datasheet
165Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0733E TAI-SAW-TZ0733E Datasheet
189Kb / 7P
Crystal Unit SMD 2.5x2.0 40.00MHz
REV. NO.: 2
TZ0751A TAI-SAW-TZ0751A Datasheet
158Kb / 8P
Crystal Unit SMD 2.5x2.0 20.0MHz
REV. NO.: 2
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ1339A TAI-SAW-TZ1339A Datasheet
185Kb / 7P
Crystal Unit SMD 3.2x2.5 26.00MHz
REV. NO.: 2
TZ2352C TAI-SAW-TZ2352C Datasheet
179Kb / 8P
Crystal Unit SMD 1.6x1.2 26.00MHz
REV. NO.: 1
TZ2404A TAI-SAW-TZ2404A Datasheet
216Kb / 8P
Crystal Unit SMD 3.2x2.5 26.00MHz
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com