Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8KE5 Datasheet (PDF) - Rohm

HT8KE5 Datasheet PDF - Rohm
Part # HT8KE5
Download  HT8KE5 Download
File Size   2776.59 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100V NchNch Power MOSFET

HT8KE5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT8KE5 Datasheet PDF - Rohm

Part # HT8KE5
Download  HT8KE5 Click to download

File Size   2776.59 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100V NchNch Power MOSFET

HT8KE5 Datasheet (HTML) - Rohm


HT8KE5 Product details

Features
1) Low on - resistance
2) High Power small mold Package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free

Application
Switching




Similar Part No. - HT8KE5

ManufacturerPart #DatasheetDescription
logo
Rohm
HT8KE5H ROHM-HT8KE5H Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20240717 - Rev.002
More results


Similar Description - HT8KE5

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR010N10FHA ROHM-RSR010N10FHA Datasheet
1Mb / 14P
Nch 100V 1A Power MOSFET
SP8K52FRA ROHM-SP8K52FRA Datasheet
2Mb / 14P
100V NchNch Middle Power MOSFET
QS8K51 ROHM-QS8K51 Datasheet
2Mb / 13P
100V NchNch Small Signal MOSFET
RD3P050SN ROHM-RD3P050SN Datasheet
2Mb / 16P
Nch 100V 5A Power MOSFET
RS1P600BE ROHM-RS1P600BE Datasheet
2Mb / 15P
Nch 100V 60A Power MOSFET
SH8KE6 ROHM-SH8KE6 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20220324 - Rev.002
SH8KE7 ROHM-SH8KE7 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20230209 - Rev.002
HP8KE6 ROHM-HP8KE6 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20230426 - Rev.002
HP8KE7 ROHM-HP8KE7 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20230328 - Rev.001
HT8KE6 ROHM-HT8KE6 Datasheet
2Mb / 14P
100V NchNch Power MOSFET
20230328 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com