Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1239442 Datasheet (PDF) - PHOENIX CONTACT

1239442 Datasheet PDF - PHOENIX CONTACT
Part # 1239442
Download  1239442 Download
File Size   340.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MST-4CON-M16/0,5X - Device connector, rear mounting

1239442 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239442 Datasheet PDF - PHOENIX CONTACT

Part # 1239442
Download  1239442 Click to download

File Size   340.53 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MST-4CON-M16/0,5X - Device connector, rear mounting

1239442 Datasheet (HTML) - PHOENIX CONTACT


1239442 Product details

Device connector, rear mounting, Power, 4-position, Pin, straight, M12-Standard, coding: T, on
free cable end, Rear mounting, M16 x 1.5, Individual wires, cable length: 0.5 m, 1.31 mm2,
UL/cUL stranded hook-up wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)

Your advantages
• For compact devices: transmit high power in a confined space
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1239442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239440 PHOENIX-1239440 Datasheet
395Kb / 10P
SACC-DSI-M12FSS-4CON-M16/0,5PEX - Device connector rear mounting
1239441 PHOENIX-1239441 Datasheet
291Kb / 8P
SACC-DSI-M12FST-4CON-M16/0,5X - Device connector rear mounting
1239443 PHOENIX-1239443 Datasheet
395Kb / 10P
SACC-E-M12FSS-4CON-M16/0,5 PEX - Device connector front mounting
1239444 PHOENIX-1239444 Datasheet
311Kb / 10P
SACC-E-M12FST-4CON-M16/0,5X - Device connector front mounting
1239445 PHOENIX-1239445 Datasheet
454Kb / 11P
SACC-E-M12MSS-4CON-M16/0,5 PEX - Device connector front mounting
More results


Similar Description - 1239442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419629 PHOENIX-1419629 Datasheet
531Kb / 13P
SACC-DSI-M12MS-4CON-M16/0,5 - Device connector, rear mounting
1419771 PHOENIX-1419771 Datasheet
455Kb / 11P
SACC-DSI-M12FS-4CON-M16 SH - Device connector, rear mounting
1419768 PHOENIX-1419768 Datasheet
504Kb / 11P
SACC-DSI-M12MS-4CON-M16 SH - Device connector, rear mounting
1424132 PHOENIX-1424132 Datasheet
525Kb / 11P
SACC-DSI-M12MSS-4CON-M16/0,5PE - Device connector, rear mounting
1424133 PHOENIX-1424133 Datasheet
451Kb / 10P
SACC-DSI-M12FSS-4CON-M16/0,5PE - Device connector, rear mounting
1424134 PHOENIX-1424134 Datasheet
349Kb / 9P
SACC-DSI-M12FST-4CON-M16/0,5 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1424140 PHOENIX-1424140 Datasheet
361Kb / 10P
SACC-E-M12MST-4CON-M16/0,5 - Device connector front mounting
1419742 PHOENIX-1419742 Datasheet
521Kb / 11P
SACC-DSI-M12MS-4CON-M16 - Device connector, rear mounting
1027680 PHOENIX-1027680 Datasheet
203Kb / 6P
SACC-DSI-MSD-4CON-M16-L180 PP - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com