Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1243356 Datasheet (PDF) - PHOENIX CONTACT

1243356 Datasheet PDF - PHOENIX CONTACT
Part # 1243356
Download  1243356 Download
File Size   191.52 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-20KP0,25-2,50/VPE1000 - Crimp contact

1243356 Datasheet (PDF)

Go To PDF Page Download Datasheet
1243356 Datasheet PDF - PHOENIX CONTACT

Part # 1243356
Download  1243356 Click to download

File Size   191.52 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST-20KP0,25-2,50/VPE1000 - Crimp contact

1243356 Datasheet (HTML) - PHOENIX CONTACT


1243356 Product details

Crimp contact, Pin, turned, contact diameter: 2 mm, crimp range: 0.25 mm2 ... 1 mm2, Item is
lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• High tensile strength of the connection
• Low contact resistance
• Easy production monitoring




Similar Part No. - 1243356

ManufacturerPart #DatasheetDescription
logo
Heyco.
12433 HEYCO-12433 Datasheet
73Kb / 1P
Grommet Channels
logo
PHOENIX CONTACT
1243300 PHOENIX-1243300 Datasheet
450Kb / 12P
ST-7ES1N8A9K04SX - Coupler connector
1243301 PHOENIX-1243301 Datasheet
448Kb / 12P
ST-08S1N8A9K02SX - Coupler connector
1243302 PHOENIX-1243302 Datasheet
445Kb / 11P
ST-08S1N8A9K03SX - Coupler connector
1243303 PHOENIX-1243303 Datasheet
448Kb / 12P
ST-08S1N8A9K04SX - Coupler connector
More results


Similar Description - 1243356

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607579 PHOENIX-1607579 Datasheet
49Kb / 3P
Crimp contact - ST-06KP030
1607581 PHOENIX-1607581 Datasheet
156Kb / 3P
Crimp contact - ST-06KS020
1618464 PHOENIX-1618464 Datasheet
197Kb / 3P
Crimp contact - ST-10KS035
1618254 PHOENIX-1618254 Datasheet
52Kb / 3P
Crimp contact - ST-10KS030
1618255 PHOENIX-1618255 Datasheet
174Kb / 3P
Crimp contact - ST-10KP010
1607657 PHOENIX-1607657 Datasheet
52Kb / 3P
Crimp contact - ST-20KS010
1618458 PHOENIX-1618458 Datasheet
176Kb / 3P
Crimp contact - ST-10KP035
10/06/2021
1607658 PHOENIX-1607658 Datasheet
233Kb / 7P
ST-20KS020 - Crimp contact
1244461 PHOENIX-1244461 Datasheet
197Kb / 5P
SH-20KS0,25-2,50 - Crimp contact
1244464 PHOENIX-1244464 Datasheet
194Kb / 5P
SH-20KP0,25-2,50 - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com