Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE610 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE610 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE610
Download  EE610 Download
File Size   1500.15 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Low Differential Pressure Sensor

EE610 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE610 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE610
Download  EE610 Click to download

File Size   1500.15 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Low Differential Pressure Sensor

EE610 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE610 Product details

Features
Configurable and adjustable
▪ Measuring range
▪ Output signal
▪ Response time
▪ Displayed units and backlight
▪ Zero point and span adjustment
Service interface for configuration
▪ Measurand: Differential pressure Δp
▪ Auto-zero interval (optional)
Multi-range (analogue output)
▪ ±25 / ±50 / ±100 Pa / 0...100 Pa
Accuracy
▪ ±0.5 Pa
Enclosure
▪ IP65 / NEMA 4X protection rating
▪ Bayonet screws - opend / closed with
a ¼ rotation
External mounting holes
▪ Mounting with closed cover
▪ Electronics protected against construction site pollution
▪ Easy and fast mounting




Similar Part No. - EE610

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE6 YUXIANG-EE6 Datasheet
59Kb / 2P
EE Core
logo
E+E Elektronik Ges.m.b....
EE600 EPLUSE-EE600 Datasheet
1Mb / 9P
Differential Pressure Sensor
11-2022
logo
Connor-Winfield Corpora...
EE64-511 CONNOR-WINFIELD-EE64-511 Datasheet
55Kb / 1P
16 PIN DIP 3.3V PECL
logo
E+E Elektronik Ges.m.b....
EE65 EPLUSE-EE65 Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
EE65-B EPLUSE-EE65-B Datasheet
888Kb / 2P
Air Velocity Transmitter for HVAC Applications
More results


Similar Description - EE610

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E8Y OMRON-E8Y Datasheet
798Kb / 9P
Differential Pressure Sensor
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM6391-BCE-S-005-001 SMI-SM6391-BCE-S-005-001 Datasheet
277Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-000 SMI-SM7391-BCE-S-002-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-001 SMI-SM7391-BCE-S-002-001 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-005-000 SMI-SM7391-BCE-S-005-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-010-000 SMI-SM7391-BCE-S-010-000 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com