Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE99-1 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE99-1 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE99-1
Download  EE99-1 Download
File Size   972.79 Kbytes
Page   3 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity / Temperature Module for OEM Applications

EE99-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE99-1 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE99-1
Download  EE99-1 Click to download

File Size   972.79 Kbytes
Page   3 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity / Temperature Module for OEM Applications

EE99-1 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE99-1 Product details

Features
EE99-1 Performance and Outputs
» High RH accuracy
» Wide T measuring range from -50 °C (-94 °F)
up to 180 °C (356 °F)
» Analogue 4 - 20 mA (3-wire) output for RH
» T passive output with 3-wire connection
- Pt100 / Pt1000, DIN A (DIN EN 60751)
Remote Probe and PCB
» Various probe and cable lengths
» RH adjustment via
push buttons on the PCB
» Easy installation with plug-in
screw terminal block
RH Sensing Element
» Outstanding long term stability
» Protected by
- E+E proprietary coating
- stainless steel grid filter
Test Report
» according to DIN EN 10204-2.23




Similar Part No. - EE99-1

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE90 YUXIANG-EE90 Datasheet
105Kb / 2P
Large Size Ferrite Cores
logo
List of Unclassifed Man...
EE92251B1-0000-A99 ETC-EE92251B1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
EE92251B2-0000-999 ETC-EE92251B2-0000-999 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
EE92251B3-0000-999 ETC-EE92251B3-0000-999 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
EE92251BX-0000-A99 ETC-EE92251BX-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results


Similar Description - EE99-1

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
RELATIVE HUMIDITY/ TEMPERATURE MODULE
logo
List of Unclassifed Man...
DHT11 ETC2-DHT11 Datasheet
971Kb / 8P
Temperature humidity module
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Advantech Co., Ltd.
BB-T9602-3-A-1-G2 ADVANTECH-BB-T9602-3-A-1-G2 Datasheet
673Kb / 3P
Humidity & Temperature Sensor – for OEM Installations
logo
E+E Elektronik Ges.m.b....
EE040 EPLUSE-EE040 Datasheet
951Kb / 7P
OEM Humidity and Temperature Sensor
01-2023
EE150 EPLUSE-EE150 Datasheet
1Mb / 8P
Humidity and Temperature Sensor for HVAC Applications
04-2023
EE23 EPLUSE-EE23 Datasheet
1Mb / 9P
Humidity and Temperature Sensor for Industrial Applications
08-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com